Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBI50VA-060-50 Datasheet(PDF) 5 Page - Fuji Electric

Part # 6MBI50VA-060-50
Description  IGBT MODULE (V series) 600V / 50A / 6 in one package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBI50VA-060-50 Datasheet(HTML) 5 Page - Fuji Electric

  6MBI50VA-060-50 Datasheet HTML 1Page - Fuji Electric 6MBI50VA-060-50 Datasheet HTML 2Page - Fuji Electric 6MBI50VA-060-50 Datasheet HTML 3Page - Fuji Electric 6MBI50VA-060-50 Datasheet HTML 4Page - Fuji Electric 6MBI50VA-060-50 Datasheet HTML 5Page - Fuji Electric 6MBI50VA-060-50 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4
5
IGBT Modules
http://www.fujielectric.com/products/semiconductor/
6MBI50VA-060-50
0.01
0.10
1.00
10.00
0.001
0.010
0.100
1.000
FWD[Inverter]
IGBT[Inverter]
0.1
1
10
100
-60 -40 -20
0
20
40
60
80 100 120 140 160 180
0
25
50
75
100
0
1
2
3
4
5
Tj=125°C
Tj=25°C
10
100
1000
0
50
100
150
trr(150°C)
Tj=150°C
Irr(125°C)
Irr(150°C)
trr(125°C)
τ
[sec]
0.0023 0.0301 0.0598 0.0708
Rth
IGBT 0.07616 0.19308 0.27277 0.16800
[°C/W]
FWD 0.12335 0.31274 0.44181 0.27211
[ Inverter ]
Forward current vs. forward on voltage (typ.)
chip
[ Inverter ]
VCC=300V, VGE=±15V, RG=43Ω
Reverse recovery characteristics (typ.)
Transient thermal resistance (max.)
Forward on voltage : VF [V]
Pulse width : Pw [sec]
Temperature [°C ]
[ Thermistor ]
Temperature characteristic (typ.)
Forward current : IF [A]
Outline Drawings, mm


Similar Part No. - 6MBI50VA-060-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI50VA-120-50 FUJI-6MBI50VA-120-50 Datasheet
677Kb / 6P
   IGBT MODULE
More results

Similar Description - 6MBI50VA-060-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP50TEA060 FUJI-6MBP50TEA060 Datasheet
304Kb / 8P
   Econo IPM series 600V / 50A 6 in one-package
logo
List of Unclassifed Man...
7MBP50RA060 ETC2-7MBP50RA060 Datasheet
767Kb / 8P
   IGBT-IPM R series 600V / 50A 7 in one-package
logo
Fuji Electric
2MBI600VD-060-50 FUJI-2MBI600VD-060-50 Datasheet
439Kb / 6P
   IGBT MODULE (V series) 600V / 600A / 2 in one package
2MBI400VB-060-50 FUJI-2MBI400VB-060-50 Datasheet
417Kb / 6P
   IGBT MODULE (V series) 600V / 400A / 2 in one package
2MBI400VD-060-50 FUJI-2MBI400VD-060-50 Datasheet
416Kb / 6P
   IGBT MODULE (V series) 600V / 400A / 2 in one package
2MBI150VA-060-50 FUJI-2MBI150VA-060-50 Datasheet
457Kb / 6P
   IGBT MODULE (V series) 600V / 150A / 2 in one package
2MBI200VA-060-50 FUJI-2MBI200VA-060-50 Datasheet
466Kb / 6P
   IGBT MODULE (V series) 600V / 200A / 2 in one package
2MBI100VA-060-50 FUJI-2MBI100VA-060-50 Datasheet
450Kb / 6P
   IGBT MODULE (V series) 600V / 100A / 2 in one package
2MBI300VB-060-50 FUJI-2MBI300VB-060-50 Datasheet
421Kb / 6P
   IGBT MODULE (V series) 600V / 300A / 2 in one package
4MBI400VG-060R-50 FUJI-4MBI400VG-060R-50 Datasheet
636Kb / 10P
   IGBT MODULE (V series) 600V / 400A / IGBT, RB-IGBT 4 in one package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com