Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBP150VEA120-50 Datasheet(PDF) 5 Page - Fuji Electric

Part # 7MBP150VEA120-50
Description  IGBT MODULE (V series) 1200V / 150A / IPM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBP150VEA120-50 Datasheet(HTML) 5 Page - Fuji Electric

  7MBP150VEA120-50 Datasheet HTML 1Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 2Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 3Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 4Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 5Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 6Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 7Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 8Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4
5
IGBT Modules
7MBP150VEA120-50
http://www.fujielectric.com/products/semiconductor/
Forward current vs. Forward voltage
[Terminal] (typ.)
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Forward voltage : VF [ V ]
Tj =25℃
Tj =125℃
Forward current vs. Forward voltage
[Chip] (typ.)
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Forward voltage : VF [ V ]
Tj =25℃
Tj =125℃
Collector current vs. Collector-Emitter voltage
Tj =125℃ [Terminal] (typ.)
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Collector-Emitter voltage : VCE [ V ]
VCC=17V
VCC=15V
VCC=13V
Collector current vs. Collector-Emitter voltage
Tj =125℃ [Chip] (typ.)
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Collector-Emitter voltage : VCE [ V ]
VCC =17V
VCC =13V
VCC =15V
Collector current vs. Collector-Emitter voltage
Tj =25℃ [Terminal] (typ.)
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Collector-Emitter voltage : VCE [ V ]
VCC =17V
VCC =13V
VCC =15V
Collector current vs. Collector-Emitter voltage
Tj =25℃ [Chip] (typ.)
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Collector-Emitter voltage : VCE [ V ]
VCC =13V
VCC =15V
VCC =17V
Inverter


Similar Part No. - 7MBP150VEA120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP150VDA060-50 FUJI-7MBP150VDA060-50 Datasheet
677Kb / 11P
   IGBT MODULE (V series) 600V / 150A / IPM
More results

Similar Description - 7MBP150VEA120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP150VEA120-50 FUJI-6MBP150VEA120-50 Datasheet
603Kb / 8P
   IGBT MODULE (V series) 1200V / 150A / IPM
7MBP150RA120 FUJI-7MBP150RA120 Datasheet
370Kb / 8P
   IGBT-IPM(1200V/150A)
6MBP150RA120 FUJI-6MBP150RA120 Datasheet
304Kb / 7P
   IGBT-IPM(1200V/150A)
7MBP150VDA060-50 FUJI-7MBP150VDA060-50 Datasheet
677Kb / 11P
   IGBT MODULE (V series) 600V / 150A / IPM
6MBP150VDA060-50 FUJI-6MBP150VDA060-50 Datasheet
587Kb / 8P
   IGBT MODULE (V series) 600V / 150A / IPM
7MBP35VDA120-50 FUJI-7MBP35VDA120-50 Datasheet
693Kb / 11P
   IGBT MODULE (V series) 1200V / 35A / IPM
6MBP25VBA120-50 FUJI-6MBP25VBA120-50 Datasheet
871Kb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBP25VDA120-50 FUJI-6MBP25VDA120-50 Datasheet
589Kb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBP100VEA120-50 FUJI-6MBP100VEA120-50 Datasheet
592Kb / 8P
   IGBT MODULE (V series) 1200V / 100A / IPM
6MBP10VAA120-50 FUJI-6MBP10VAA120-50 Datasheet
1Mb / 8P
   IGBT MODULE (V series) 1200V / 10A / IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com