Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBP150VEA120-50 Datasheet(PDF) 7 Page - Fuji Electric

Part # 7MBP150VEA120-50
Description  IGBT MODULE (V series) 1200V / 150A / IPM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBP150VEA120-50 Datasheet(HTML) 7 Page - Fuji Electric

Back Button 7MBP150VEA120-50 Datasheet HTML 3Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 4Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 5Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 6Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 7Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 8Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 9Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 10Page - Fuji Electric 7MBP150VEA120-50 Datasheet HTML 11Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6
7
IGBT Modules
7MBP150VEA120-50
http://www.fujielectric.com/products/semiconductor/
Over current protection vs. Junction temperature (typ.)
VCC =15V
0
200
400
600
800
1000
0
20
40
60
80
100
120
140
Junction temperature : Tj [ ℃ ]
Reverse recovery characteristics (typ.)
trr, Irr vs. If
1
10
100
1000
0
50
100
150
200
250
300
Forward current : IF [ A ]
t
I rr Tj=125℃
I rr Tj=25℃
t rr Tj=25℃
Switching time vs. Collector current (typ.)
VDC =600V, VCC=15V, Tj =25℃
10
100
1000
10000
0
50
100
150
200
250
300
Collector current : IC [ A ]
ton
toff
tf
Switching time vs. Collector current (typ.)
VDC =600V, VCC=15V, Tj =125℃
10
100
1000
10000
0
50
100
150
200
250
300
Collector current : IC [ A ]
ton
toff
tf
rr
Tj=125℃


Similar Part No. - 7MBP150VEA120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBP150VDA060-50 FUJI-7MBP150VDA060-50 Datasheet
677Kb / 11P
   IGBT MODULE (V series) 600V / 150A / IPM
More results

Similar Description - 7MBP150VEA120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP150VEA120-50 FUJI-6MBP150VEA120-50 Datasheet
603Kb / 8P
   IGBT MODULE (V series) 1200V / 150A / IPM
7MBP150RA120 FUJI-7MBP150RA120 Datasheet
370Kb / 8P
   IGBT-IPM(1200V/150A)
6MBP150RA120 FUJI-6MBP150RA120 Datasheet
304Kb / 7P
   IGBT-IPM(1200V/150A)
7MBP150VDA060-50 FUJI-7MBP150VDA060-50 Datasheet
677Kb / 11P
   IGBT MODULE (V series) 600V / 150A / IPM
6MBP150VDA060-50 FUJI-6MBP150VDA060-50 Datasheet
587Kb / 8P
   IGBT MODULE (V series) 600V / 150A / IPM
7MBP35VDA120-50 FUJI-7MBP35VDA120-50 Datasheet
693Kb / 11P
   IGBT MODULE (V series) 1200V / 35A / IPM
6MBP25VBA120-50 FUJI-6MBP25VBA120-50 Datasheet
871Kb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBP25VDA120-50 FUJI-6MBP25VDA120-50 Datasheet
589Kb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBP100VEA120-50 FUJI-6MBP100VEA120-50 Datasheet
592Kb / 8P
   IGBT MODULE (V series) 1200V / 100A / IPM
6MBP10VAA120-50 FUJI-6MBP10VAA120-50 Datasheet
1Mb / 8P
   IGBT MODULE (V series) 1200V / 10A / IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com