Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T255WAZT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAZT
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAZT Datasheet(HTML) 3 Page - Texas Instruments

  PTH08T255WAZT Datasheet HTML 1Page - Texas Instruments PTH08T255WAZT Datasheet HTML 2Page - Texas Instruments PTH08T255WAZT Datasheet HTML 3Page - Texas Instruments PTH08T255WAZT Datasheet HTML 4Page - Texas Instruments PTH08T255WAZT Datasheet HTML 5Page - Texas Instruments PTH08T255WAZT Datasheet HTML 6Page - Texas Instruments PTH08T255WAZT Datasheet HTML 7Page - Texas Instruments PTH08T255WAZT Datasheet HTML 8Page - Texas Instruments PTH08T255WAZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
DATASHEET TABLE OF CONTENTS
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
PTH08T255W
www.ti.com ........................................................................................................................................................................................... SLTS290 – NOVEMBER 2008
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
DATASHEET SECTION
PAGE NUMBER
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
3
ELECTRICAL CHARACTERISTICS TABLE (PTH08T255W)
4
TERMINAL FUNCTIONS
6
TYPICAL CHARACTERISTICS (VI = 12V)
7
ADJUSTING THE OUTPUT VOLTAGE
8
INPUT & OUTPUT CAPACITOR RECOMMENDATIONS
9
TURBOTRANS™ INFORMATION
13
SOFT-START POWER-UP
17
REMOTE SENSE
17
OUTPUT INHIBIT
18
OVERCURRENT PROTECTION
18
OVER-TEMPERATURE PROTECTION
18
SYCHRONIZATION (SMARTSYNC)
19
AUTO-TRACK SEQUENCING
20
UNDERVOLTAGE LOCKOUT (UVLO)
23
CURRENT SHARING
24
CURRENT SHARING SOA GRAPHS
26
CURRENT SHARING LAYOUT
27
PREBIAS START-UP
27
TAPE & REEL AND SHIPPING TRAY DRAWING
29
(Voltages are with respect to GND)
UNIT
Vtrack
Track pin voltage
–0.3 to VI + 0.3
V
TA
Operating temperature range Over VI range
–40 to 85
Surface temperature of module body or pins
Twave
Wave soldering temperature
AD suffix
260
(5 seconds maximum)
AS suffix
235(1)
°C
Treflow
Solder reflow temperature
Surface temperature of module body or pins
AZ suffix
260(1)
Tstg
Storage temperature
Storage temperature of module removed from shipping package
–55 to 125
Tpkg
Packaging temperature
Shipping Tray or Tape and Reel storage or bake temperature
45
Mechanical shock
Per Mil-STD-883D, Method 2002.3 1 msec, 1/2
AD suffix
500
sine, mounted
AS and AZ suffix
125
G
Mechanical vibration
Mil-STD-883D, Method 2007.2 20-2000 Hz
20
Weight
16.7
grams
Flammability
Meets UL94V-O
(1)
During reflow of surface mount package version do not elevate peak temperature of the module, pins or internal components above the
stated maximum.
Copyright © 2008, Texas Instruments Incorporated
3
Product Folder Link(s): PTH08T255W


Similar Part No. - PTH08T255WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250WAD TI-PTH08T250WAD Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250WAS TI-PTH08T250WAS Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250WAST TI-PTH08T250WAST Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250WAZ TI-PTH08T250WAZ Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results

Similar Description - PTH08T255WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI-PTH12040W Datasheet
636Kb / 27P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTV08040W TI-PTV08040W Datasheet
714Kb / 23P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com