Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MBI300VE-120-50 Datasheet(PDF) 5 Page - Fuji Electric

Part # 2MBI300VE-120-50
Description  IGBT MODULE (V series) 1200V / 300A / 2 in one package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI300VE-120-50 Datasheet(HTML) 5 Page - Fuji Electric

  2MBI300VE-120-50 Datasheet HTML 1Page - Fuji Electric 2MBI300VE-120-50 Datasheet HTML 2Page - Fuji Electric 2MBI300VE-120-50 Datasheet HTML 3Page - Fuji Electric 2MBI300VE-120-50 Datasheet HTML 4Page - Fuji Electric 2MBI300VE-120-50 Datasheet HTML 5Page - Fuji Electric 2MBI300VE-120-50 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4
5
IGBT Modules
2MBI300VE-120-50
http://www.fujielectric.com/products/semiconductor/
C1
C2E1
E2
E2
G2
E1
G1
C1
C2E1
E2
E2
G2
E1
G1
Outline Drawings, mm
Equivalent Circuit Schematic


Similar Part No. - 2MBI300VE-120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI300VB-060-50 FUJI-2MBI300VB-060-50 Datasheet
421Kb / 6P
   IGBT MODULE (V series) 600V / 300A / 2 in one package
2MBI300VD-120-50 FUJI-2MBI300VD-120-50 Datasheet
403Kb / 6P
   IGBT MODULE (V series) 1200V / 300A / 2 in one package
2MBI300VH-120-50 FUJI-2MBI300VH-120-50 Datasheet
424Kb / 6P
   IGBT MODULE (V series) 1200V / 300A / 2 in one package
2MBI300VJ-120-50 FUJI-2MBI300VJ-120-50 Datasheet
406Kb / 6P
   IGBT MODULE
2MBI300VN-120-50 FUJI-2MBI300VN-120-50 Datasheet
600Kb / 6P
   IGBT MODULE
More results

Similar Description - 2MBI300VE-120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI300VH-120-50 FUJI-2MBI300VH-120-50 Datasheet
424Kb / 6P
   IGBT MODULE (V series) 1200V / 300A / 2 in one package
2MBI300VD-120-50 FUJI-2MBI300VD-120-50 Datasheet
403Kb / 6P
   IGBT MODULE (V series) 1200V / 300A / 2 in one package
logo
List of Unclassifed Man...
2MBI300UD-120 ETC1-2MBI300UD-120 Datasheet
105Kb / 4P
   1200V / 300A 2 in one-package IGBT Module U-Series
2MBI300UC-120 ETC2-2MBI300UC-120 Datasheet
108Kb / 4P
   IGBT Module U-Series 1200V / 300A 2 in one-package
logo
Fuji Electric
1MBI300HH-120L-50 FUJI-1MBI300HH-120L-50 Datasheet
493Kb / 7P
   IGBT MODULE 1200V / 300A / 1 in one package
4MBI300VG-120R-50 FUJI-4MBI300VG-120R-50 Datasheet
658Kb / 11P
   IGBT MODULE (V series) 1200V / 300A / IGBT, 600V/300A/RB-IGBT, 4 in one package
logo
Nell Semiconductor Co.,...
NSGM300GB12B NELLSEMI-NSGM300GB12B Datasheet
995Kb / 4P
   IGBT Module (2 in one-package), 300A
logo
Fuji Electric
2MBI300S-120 FUJI-2MBI300S-120 Datasheet
853Kb / 4P
   1200V / 300A 2 in one-package
2MBI300N-120-01 FUJI-2MBI300N-120-01 Datasheet
278Kb / 4P
   1200V / 300A 2 in one-package
2MBI300VB-060-50 FUJI-2MBI300VB-060-50 Datasheet
421Kb / 6P
   IGBT MODULE (V series) 600V / 300A / 2 in one package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com