Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MBI400VD-060-50 Datasheet(PDF) 4 Page - Fuji Electric

Part # 2MBI400VD-060-50
Description  IGBT MODULE (V series) 600V / 400A / 2 in one package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2MBI400VD-060-50 Datasheet(HTML) 4 Page - Fuji Electric

  2MBI400VD-060-50 Datasheet HTML 1Page - Fuji Electric 2MBI400VD-060-50 Datasheet HTML 2Page - Fuji Electric 2MBI400VD-060-50 Datasheet HTML 3Page - Fuji Electric 2MBI400VD-060-50 Datasheet HTML 4Page - Fuji Electric 2MBI400VD-060-50 Datasheet HTML 5Page - Fuji Electric 2MBI400VD-060-50 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
IGBT Modules
2MBI400VD-060-50
http://www.fujielectric.com/products/semiconductor/
5
Vcc=300V, VGE=±15V, RG=3.3Ω, Tj=150°C
Transient Thermal Resistance (max.)
Reverse Recovery Characteristics (typ.)
Vcc=300V, VGE=±15V, RG=3.3Ω, Tj=125°C
Forward Current vs. Forward Voltage (typ.)
chip
Reverse Recovery Characteristics (typ.)
10
100
1000
0
200
400
600
800
1000
Forward current: IF [A]
0.001
0.01
0.1
1
0.001
0.01
0.1
1
Pulse Width : Pw [sec]
FWD
IGBT
0
200
400
600
800
1000
0
1
2
3
Forward on voltage: VF [V]
125°C
Tj=25°
trr
lrr
trr
lrr
150°C
10
100
1000
0
200
400
600
800
1000
Forward current: IF [A]


Similar Part No. - 2MBI400VD-060-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI400VD-120-50 FUJI-2MBI400VD-120-50 Datasheet
422Kb / 6P
   IGBT MODULE (V series) 1200V / 400A / 2 in one package
More results

Similar Description - 2MBI400VD-060-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI400VB-060-50 FUJI-2MBI400VB-060-50 Datasheet
417Kb / 6P
   IGBT MODULE (V series) 600V / 400A / 2 in one package
logo
List of Unclassifed Man...
2MBI400U2B-060 ETC2-2MBI400U2B-060 Datasheet
104Kb / 4P
   IGBT Module U-Series 600V / 400A 2 in one-package
logo
Fuji Electric
4MBI400VG-060R-50 FUJI-4MBI400VG-060R-50 Datasheet
636Kb / 10P
   IGBT MODULE (V series) 600V / 400A / IGBT, RB-IGBT 4 in one package
2MBI400VD-120-50 FUJI-2MBI400VD-120-50 Datasheet
422Kb / 6P
   IGBT MODULE (V series) 1200V / 400A / 2 in one package
2MBI600VD-060-50 FUJI-2MBI600VD-060-50 Datasheet
439Kb / 6P
   IGBT MODULE (V series) 600V / 600A / 2 in one package
logo
KEC(Korea Electronics)
GM400HB06CT KEC-GM400HB06CT Datasheet
421Kb / 3P
   600V/400A 2 IN ONE PACKAGE
logo
Fuji Electric
2MBI150VA-060-50 FUJI-2MBI150VA-060-50 Datasheet
457Kb / 6P
   IGBT MODULE (V series) 600V / 150A / 2 in one package
2MBI200VA-060-50 FUJI-2MBI200VA-060-50 Datasheet
466Kb / 6P
   IGBT MODULE (V series) 600V / 200A / 2 in one package
2MBI100VA-060-50 FUJI-2MBI100VA-060-50 Datasheet
450Kb / 6P
   IGBT MODULE (V series) 600V / 100A / 2 in one package
2MBI300VB-060-50 FUJI-2MBI300VB-060-50 Datasheet
421Kb / 6P
   IGBT MODULE (V series) 600V / 300A / 2 in one package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com