Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320C6455BGTZEP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SM320C6455BGTZEP
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6455BGTZEP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM320C6455BGTZEP Datasheet HTML 7Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 8Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 9Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 10Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 11Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 12Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 13Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 14Page - Texas Instruments SM320C6455BGTZEP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 254 page
background image
www.ti.com
2
Device Overview
2.1
Device Characteristics
SM320C6455-EP
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS462B – SEPTEMBER 2007 – REVISED JANUARY 2008
Table 2-1, provides an overview of the C6455 DSP. The tables show significant features of the C6455
device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type
with pin count.
Table 2-1. Characteristics of the C6455 Processor
HARDWARE FEATURES
C6455
EMIFA (64 bit bus width)
1
(clock source = AECLKIN or SYSCLK4)
DDR2 Memory Controller (32 bit bus width) [1.8 V I/O]
1
(clock source = CLKIN2)
EDMA3 (64 independent channels) [CPU/3 clock rate]
1
High-speed 1x/4x Serial Rapid IO Port
1
I2C
1
Peripherals
HPI (32- or 16 bit user selectable)
1 (HPI16 or HPI32)
Not all peripherals pins
are available at the same
PCI (32 bit), [66-MHz or 33-MHz]
1 (PCI66 or PCI33)
time (For more detail, see
McBSPs (internal CPU/6 or external clock source up
the Device Configuration
2
to 100 Mbps)
section).
UTOPIA (8 bit mode, 50-MHz, Slave-only)
1
10/100/1000 Ethernet MAC (EMAC)
1
Management Data Input/Output (MDIO)
1
64 Bit Timers (Configurable)
2 64 bit or 4 32 bit
(internal clock source = CPU/6 clock frequency)
General-Purpose Input/Output Port (GPIO)
16
VCP2 (clock source = CPU/3 clock frequency)
1
Decoder Coprocessors
TCP2 (clock source = CPU/3 clock frequency)
1
Size (Bytes)
2192K
32K-Byte (32KB) L1 Program Memory Controller
[SRAM/Cache]
On-Chip Memory
Organization
32KB Data Memory Controller [SRAM/Cache]
2096KB L2 Unified Memory/Cache
32KB L2 ROM
C64x+ Megamodule
Megamodule Revision ID Register (address location:
See Section 5.6, Megamodule Revision
Revision ID
0181 2000h)
See Section 3.6, JTAG ID (JTAGID) Register
JTAG BSDL_ID
JTAGID register (address location: 0x02A80008)
Description
Frequency
MHz
720, 850, 1000 (1 GHz), and 1200 (1.2 GHz)
1.39 ns (C6455-720), 1.17 ns (C6455-850),
Cycle Time
ns
1 ns (C6455 A-1000, -1000) [1-GHz CPU](1)
0.83 ns (C6455-1200) [1.2-GHz CPU]
1.25 V (A-1000/-1000/-1200)
Core (V)
1.2 V (-850/-720)
Voltage
1.25/1.2 [RapidIO],
I/O (V)
1.5/1.8 [EMAC RGMII], and
1.8 and 3.3 V [I/O Supply Voltage]
PLL1 and PLL1
CLKIN1 frequency multiplier
Bypass (x1), x15, x20, x25, x30, x32
Controller Options
CLKIN2 frequency multiplier
PLL2
x20
[DDR2 Memory Controller and EMAC support only]
697-Pin Flip-Chip Plastic BGA (ZTZ)
BGA Package
24 x 24 mm
697-Pin Flip-Chip Plastic BGA (GTZ)
(1)
The extended temperature device's (A-1000) electrical characteristics and ac timings are the same as those for the corresponding
commercial temperature devices (-1000).
Submit Documentation Feedback
Device Overview
11


Similar Part No. - SM320C6455BGTZEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6457-HIREL TI1-SM320C6457-HIREL Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
SM320C6457CGMHS TI1-SM320C6457CGMHS Datasheet
1Mb / 209P
[Old version datasheet]   SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
More results

Similar Description - SM320C6455BGTZEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com