Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82442T1223K050 Datasheet(PDF) 2 Page - EPCOS

Part # B82442T1223K050
Description  SMT inductors ??SIMID series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442T1223K050 Datasheet(HTML) 2 Page - EPCOS

  B82442T1223K050 Datasheet HTML 1Page - EPCOS B82442T1223K050 Datasheet HTML 2Page - EPCOS B82442T1223K050 Datasheet HTML 3Page - EPCOS B82442T1223K050 Datasheet HTML 4Page - EPCOS B82442T1223K050 Datasheet HTML 5Page - EPCOS B82442T1223K050 Datasheet HTML 6Page - EPCOS B82442T1223K050 Datasheet HTML 7Page - EPCOS B82442T1223K050 Datasheet HTML 8Page - EPCOS B82442T1223K050 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SMT inductors – SIMID series
B82442T
SIMID 2220-T
Please read Cautions and warnings and
Page 2 of 9
2010-07-05
Important notes at the end of this document
.
Size 2220 (EIA) or 5650 (IEC)
Rated inductance 1 µH to 10000 µH
Rated current 46 mA to 3510 mA
Construction
Ferrite drum core
Laser-welded winding
Flame-retardant molding
Features
Temperature range up to 150 °C
Very high current handling capability
High L values
Qualified to AEC-Q200
Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020C
RoHS-compatible
Halogen-free
Applications
Filtering of supply voltages, coupling, decoupling
DC/DC converters/switch-mode power supplies
Automotive electronics
Telecommunications
Consumer electronics
Industrial electronics
Terminals
Base material CuSn6
Layer composition Ni, Sn (lead-free)
Electro-plated
Marking
Marking on component:
Manufacturer, letter “T”, L value (in µH),
tolerance of L value (coded), date of manufacture (YWWD)
Minimum data on reel:
Manufacturer, ordering code, L value, quantity, date of packing
Delivery mode and packing unit
12-mm blister tape, wound on 330-mm
∅ reel
Packing unit: 1500 pcs./reel


Similar Part No. - B82442T1223K050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442T1223K050 EPCOS-B82442T1223K050 Datasheet
179Kb / 8P
   SMT inductors
More results

Similar Description - B82442T1223K050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
B82498-A3100-K EPCOS-B82498-A3100-K Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com