Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSD156MRBN Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSD156MRBN
Description  Green-Mode Fairchild Power Switch (FPS??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSD156MRBN Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSD156MRBN Datasheet HTML 5Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 6Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 7Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 8Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 9Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 10Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 11Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 12Page - Fairchild Semiconductor FSD156MRBN Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSD156MRBN • Rev. 1.0.0
9
Functional Description
1. Startup: At startup, an internal high-voltage current
source supplies the internal bias and charges the
external capacitor (CVcc) connected to the VCC pin, as
illustrated in Figure 17. When VCC reaches 12V, the
FSD156MRBN begins switching and the internal high-
voltage current source is disabled. Normal switching
operation continues and the power is supplied from the
auxiliary transformer winding unless VCC goes below the
stop voltage of 7.5V.
Figure 17. Startup Block
2. Soft-Start: The internal soft-start circuit increases
PWM comparator inverting input voltage, together with
the SenseFET current, slowly after startup. The typical
soft-start time is 15ms. The pulse width to the power
switching device is progressively increased to establish
the correct working conditions for the transformers,
inductors, and capacitors. The voltage on the output
capacitors is progressively increased to smoothly
establish the required output voltage. This helps prevent
transformer saturation and reduces stress on the
secondary diode during startup.
3. Feedback Control: This device employs Current-
Mode control, as shown in Figure 18. An opto-coupler
(such as the FOD817) and shunt regulator (such as the
KA431) are typically used to implement the feedback
network. Comparing the feedback voltage with the
voltage across the RSENSE resistor makes it possible to
control the switching duty cycle. When the reference pin
voltage of the shunt regulator exceeds the internal
reference voltage of 2.5V, the opto-coupler LED current
increases, pulling down the feedback voltage and
reducing drain current. This typically occurs when the
input voltage is increased or the output load is decreased.
3.1 Pulse-by-Pulse Current Limit: Because Current-
Mode control is employed, the peak current through
the SenseFET is limited by the inverting input of PWM
comparator (VFB*), as shown in Figure 18. Assuming
that the 90μA current source flows only through the
internal resistor (3R + R =25kΩ), the cathode voltage
of diode D2 is about 2.8V. Since D1 is blocked when
the feedback voltage (VFB) exceeds 2.8V, the
maximum voltage of the cathode of D2 is clamped at
this voltage. Therefore, the peak value of the current
through the SenseFET is limited.
3.2 Leading-Edge Blanking (LEB): At the instant the
internal SenseFET is turned on, a high-current spike
usually occurs through the SenseFET, caused by
primary-side capacitance and secondary-side rectifier
reverse recovery. Excessive voltage across the RSENSE
resistor leads to incorrect feedback operation in the
Current-Mode PWM control. To counter this effect, the
leading-edge blanking (LEB) circuit inhibits the PWM
comparator for tLEB (300ns) after the SenseFET is
turned on.
Figure 18. Pulse Width Modulation Circuit


Similar Part No. - FSD156MRBN

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FSD15C FUTUREWAFER-FSD15C Datasheet
827Kb / 4P
   Single Line TVS for ESD Protection Device in Portable Electronics
FSD15C FUTUREWAFER-FSD15C Datasheet
894Kb / 7P
   Single Line TVS for ESD Protection Device in Portable Electronics
More results

Similar Description - FSD156MRBN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com