Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82789C0513N002 Datasheet(PDF) 8 Page - EPCOS

Part # B82789C0513N002
Description  SIMDAD 1812, common-mode chokes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82789C0513N002 Datasheet(HTML) 8 Page - EPCOS

Back Button B82789C0513N002 Datasheet HTML 3Page - EPCOS B82789C0513N002 Datasheet HTML 4Page - EPCOS B82789C0513N002 Datasheet HTML 5Page - EPCOS B82789C0513N002 Datasheet HTML 6Page - EPCOS B82789C0513N002 Datasheet HTML 7Page - EPCOS B82789C0513N002 Datasheet HTML 8Page - EPCOS B82789C0513N002 Datasheet HTML 9Page - EPCOS B82789C0513N002 Datasheet HTML 10Page - EPCOS B82789C0513N002 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Insertion loss
α (typical values at |Z| = 50 Ω, 20 °C)
asymmetrical, all branches in parallel (common mode)
symmetrical (differential mode)
Current derating Iop/IR versus ambient
Current derating Iop/IR versus ambient
temperature (rated temperature TR = 85 °C)
temperature (rated temperature TR = 110 °C)
LR = 100 μH
IND0308-Z
0
10
20
30
40
50
dB
α
f
B82789C0104N/H
Hz
10
10
10
67
10
10 89
10
5
4
IND0038-R-E
0
0
Iop
R
I
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
80
100
140
A
T
B82789C0/S0*N
C
IND0759-Z
0
0
TA
0.2
0.4
0.6
0.8
1.0
1.2
IR
op
I
C
20
40
60
80 100
160
120
B82789C0/S0*H
B82789C0/S0
Data and signal line chokes
SIMDAD 1812, common-mode chokes


Similar Part No. - B82789C0513N002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82789C0513N002 EPCOS-B82789C0513N002 Datasheet
80Kb / 6P
   Chokes for data and signal lines
B82789C0513N002 EPCOS-B82789C0513N002 Datasheet
205Kb / 11P
   Data and signal line chokes
B82789C0513N002 EPCOS-B82789C0513N002 Datasheet
205Kb / 11P
   Data and signal line chokes
More results

Similar Description - B82789C0513N002

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82789C0 TDK-B82789C0 Datasheet
236Kb / 10P
   SIMDAD 1812, common-mode chokes
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com