Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82442T1825+050 Datasheet(PDF) 6 Page - EPCOS

Part # B82442T1825+050
Description  SMT inductors ??SIMID series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442T1825+050 Datasheet(HTML) 6 Page - EPCOS

  B82442T1825+050 Datasheet HTML 1Page - EPCOS B82442T1825+050 Datasheet HTML 2Page - EPCOS B82442T1825+050 Datasheet HTML 3Page - EPCOS B82442T1825+050 Datasheet HTML 4Page - EPCOS B82442T1825+050 Datasheet HTML 5Page - EPCOS B82442T1825+050 Datasheet HTML 6Page - EPCOS B82442T1825+050 Datasheet HTML 7Page - EPCOS B82442T1825+050 Datasheet HTML 8Page - EPCOS B82442T1825+050 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SMT inductors – SIMID series
B82442T
SIMID 2220-T
Please read Cautions and warnings and
Page 6 of 9
2010-07-05
Important notes at the end of this document
.
Characteristics and ordering codes
LR
H
Tolerance
Qmin
fL;fQ
MHz
IR
mA
Isat
mA
Rmax
fres, min
MHz
Ordering code1)
1200
1500
 10% ^ K
 5% ^ J
30
30
0.252
0.252
140
130
223
200
12.6
14.9
1.7
1.5
B82442T1125+050
B82442T1155+050
1800
2200
2700
30
30
30
0.252
0.252
0.252
110
100
90
183
168
151
19.7
22.5
29.5
1.4
1.2
1.1
B82442T1185+050
B82442T1225+050
B82442T1275+050
3300
3900
4700
30
30
30
0.252
0.252
0.252
85
74
73
138
127
119
32.8
43.5
48.6
1.0
0.9
0.8
B82442T1335+050
B82442T1395+050
B82442T1475+050
5600
6800
8200
10000
30
30
30
25
0.252
0.252
0.252
0.0796
66
65
54
46
109
102
92
81
54.7
60.3
80.6
112
0.8
0.6
0.6
0.5
B82442T1565+050
B82442T1685+050
B82442T1825+050
B82442T1106+050
Closer tolerances and intermediate values on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82442X002
For more information refer to chapter “Sample kits”.
1) Replace the + by the code letter for the required inductance tolerance
=
=


Similar Part No. - B82442T1825+050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442T1102M050 EPCOS-B82442T1102M050 Datasheet
179Kb / 8P
   SMT inductors
B82442T1103K050 EPCOS-B82442T1103K050 Datasheet
179Kb / 8P
   SMT inductors
B82442T1104K050 EPCOS-B82442T1104K050 Datasheet
179Kb / 8P
   SMT inductors
B82442T1105K050 EPCOS-B82442T1105K050 Datasheet
179Kb / 8P
   SMT inductors
B82442T1106K050 EPCOS-B82442T1106K050 Datasheet
179Kb / 8P
   SMT inductors
More results

Similar Description - B82442T1825+050

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
B82498-A3100-K EPCOS-B82498-A3100-K Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com