Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMOMAPL138BGWTA3R Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SMOMAPL138BGWTA3R
Description  SMOMAPL138B Low-Power Applications Processor
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SMOMAPL138BGWTA3R Datasheet(HTML) 4 Page - Texas Instruments

  SMOMAPL138BGWTA3R Datasheet HTML 1Page - Texas Instruments SMOMAPL138BGWTA3R Datasheet HTML 2Page - Texas Instruments SMOMAPL138BGWTA3R Datasheet HTML 3Page - Texas Instruments SMOMAPL138BGWTA3R Datasheet HTML 4Page - Texas Instruments SMOMAPL138BGWTA3R Datasheet HTML 5Page - Texas Instruments SMOMAPL138BGWTA3R Datasheet HTML 6Page - Texas Instruments SMOMAPL138BGWTA3R Datasheet HTML 7Page - Texas Instruments SMOMAPL138BGWTA3R Datasheet HTML 8Page - Texas Instruments SMOMAPL138BGWTA3R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 282 page
background image
SMOMAPL138B-HiRel
SLVSAQ9A
– JANUARY 2011 – REVISED JANUARY 2012
www.ti.com
1.2
Trademarks
DSP/BIOS, TMS320C6000, C6000, TMS320, TMS320C62x, and TMS320C67x are trademarks of Texas
Instruments.
All trademarks are the property of their respective owners.
This device is a Low-power applications processor based on an ARM926EJ-S
™ and a C674x DSP core. It
provides significantly lower power than other members of the TMS320C6000
™ platform of DSPs.
This device enables OEMs and ODMs to quickly bring to market devices featuring robust operating
systems support, rich user interfaces, and high processing performance life through the maximum
flexibility of a fully integrated mixed processor solution.
The dual-core architecture of the device provides benefits of both DSP and Reduced Instruction Set
Computer (RISC) technologies, incorporating a high-performance TMS320C674x DSP core and an
ARM926EJ-S core.
The ARM926EJ-S is a 32-bit RISC processor core that performs 32-bit or 16-bit instructions and
processes 32-bit, 16-bit, or 8-bit data. The core uses pipelining so that all parts of the processor and
memory system can operate continuously.
The ARM core has a coprocessor 15 (CP15), protection module, and Data and program Memory
Management Units (MMUs) with table look-aside buffers. It has separate 16K-byte instruction and
16K-byte data caches. Both are four-way associative with virtual index virtual tag (VIVT). The ARM core
also has a 8KB RAM (Vector Table) and 64KB ROM.
The device DSP core uses a two-level cache-based architecture. The Level 1 program cache (L1P) is a
32KB direct mapped cache and the Level 1 data cache (L1D) is a 32KB 2-way set-associative cache. The
Level 2 program cache (L2P) consists of a 256KB memory space that is shared between program and
data space. L2 memory can be configured as mapped memory, cache, or combinations of the two.
Although the DSP L2 is accessible by ARM and other hosts in the system, an additional 128KB RAM
shared memory is available for use by other hosts without affecting DSP performance.
The peripheral set includes: a 10/100 Mb/s Ethernet MAC (EMAC) with a Management Data Input/Output
(MDIO) module; one USB2.0 OTG interface; one USB1.1 OHCI interface; two inter-integrated circuit (I2C)
Bus interfaces; one multichannel audio serial port (McASP) with 16 serializers and FIFO buffers; two
multichannel buffered serial ports (McBSP) with FIFO buffers; two SPI interfaces with multiple chip
selects; four 64-bit general-purpose timers each configurable (one configurable as watchdog); a
configurable 16-bit host port interface (HPI) ; up to 9 banks of 16 pins of general-purpose input/output
(GPIO) with programmable interrupt/event generation modes, multiplexed with other peripherals; three
UART interfaces (each with RTS and CTS); two enhanced high-resolution pulse width modulator
(eHRPWM) peripherals; 3 32-bit enhanced capture (eCAP) module peripherals which can be configured
as 3 capture inputs or 3 auxiliary pulse width modulator (APWM) outputs; and 2 external memory
interfaces: an asynchronous and SDRAM external memory interface (EMIFA) for slower memories or
peripherals, and a higher speed DDR2/Mobile DDR controller.
The Ethernet Media Access Controller (EMAC) provides an efficient interface between the device and a
network. The EMAC supports both 10Base-T and 100Base-TX, or 10 Mbits/second (Mbps) and 100 Mbps
in either half- or full-duplex mode. Additionally an Management Data Input/Output (MDIO) interface is
available for PHY configuration. The EMAC supports both MII and RMII interfaces.
The SATA controller provides a high-speed interface to mass data storage devices. The SATA controller
supports both SATA I (1.5 Gbps) and SATA II (3.0 Gbps).
The Universal Parallel Port (uPP) provides a high-speed interface to many types of data converters,
FPGAs or other parallel devices. The UPP supports programmable data widths between 8- to 16-bits on
each of two channels. Single-data rate and double-data rate transfers are supported as well as START,
ENABLE and WAIT signals to provide control for a variety of data converters.
A Video Port Interface (VPIF) is included providing a flexible video input/output port.
4
SMOMAPL138B Low-Power Applications Processor
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): SMOMAPL138B-HiRel


Similar Part No. - SMOMAPL138BGWTA3R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMOMAPL138BGWTA3R TI-SMOMAPL138BGWTA3R Datasheet
1Mb / 281P
[Old version datasheet]   SMOMAPL138B Low-Power Applications Processor
More results

Similar Description - SMOMAPL138BGWTA3R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMOMAPL138B TI-SMOMAPL138B Datasheet
1Mb / 281P
[Old version datasheet]   SMOMAPL138B Low-Power Applications Processor
OMAPL137BPTPH TI-OMAPL137BPTPH Datasheet
1Mb / 205P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138_10 Datasheet
2Mb / 268P
[Old version datasheet]   Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137 Datasheet
1Mb / 219P
[Old version datasheet]   Low-Power Applications Processor
OMAPL137CZKBT3 TI1-OMAPL137CZKBT3 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138 TI-OMAP-L138 Datasheet
2Mb / 255P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137_15 Datasheet
1Mb / 222P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAPL137DZKB3 TI-OMAPL137DZKB3 Datasheet
1Mb / 223P
[Old version datasheet]   OMAP-L137 Low-Power Applications Processor
OMAP-L138_0908 TI-OMAP-L138_0908 Datasheet
2Mb / 268P
[Old version datasheet]   OMAP-L138 Low-Power Applications Processor
OMAP-L137 TI-OMAP-L137_1 Datasheet
71Kb / 7P
[Old version datasheet]   Low-Power Applications Processor Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com