Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6311 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM6311
Description  Low Noise High Speed Voltage Feedback Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6311 Datasheet(HTML) 3 Page - Texas Instruments

  LM6311 Datasheet HTML 1Page - Texas Instruments LM6311 Datasheet HTML 2Page - Texas Instruments LM6311 Datasheet HTML 3Page - Texas Instruments LM6311 Datasheet HTML 4Page - Texas Instruments LM6311 Datasheet HTML 5Page - Texas Instruments LM6311 Datasheet HTML 6Page - Texas Instruments LM6311 Datasheet HTML 7Page - Texas Instruments LM6311 Datasheet HTML 8Page - Texas Instruments LM6311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
ESD Tolerance (Note 2)
2000V
Differential Input Voltage
g
10V
Voltage at InputOutput Pin
(Va) (Vb)
Supply Voltage (Va –Vb)
12V
Current at Input Pin
g
5mA
Current at Output Pin (Note 3)
g
80 mA
Current at Power Supply Pin
80 mA
Lead Temperature (soldering 10 sec)
260 C
Storage Temp Range
b
65 Cto a150 C
Junction Temperature (Note 4)
150 C
Operating Ratings (Note 1)
Supply Voltage
g
225V to g6V
Junction Temperature Range
LM6311I
b
40 C s TJ s a85 C
Thermal resistance (iJA)
N Package 8-pin Molded DIP
125 CW
SO-8 Package 8 Pin Surface Mount
165 CW
g
5V DC Electrical Characteristics Unless otherwise specified all limits guaranteed for TJ e 25 C Va
e
5V Vb eb5V VCM e VO e 0V and RL e % Boldface limits apply at the temperature extreme S
Typ
LM6311I
Symbol
Parameter
Conditions
(Note 5)
Limit
Units
(Note 6)
VOS
Input Offset Voltage
05
25
mV
40
max
TCVOS
Input Offset Voltage
5
m
V C
Average Drift
IB
Input Bias Current
8
30
m
A
75
max
TCIB
Input Bias Current
03
m
A C
Average Drift
Ioffset
Input Offset Current
05
5
m
A
14
max
TCIoffset
Input Offset Current
002
m
A C
Average Drift
CMRR
Common Mode
VCM e g25V
90
60
db
Rejection Ratio
54
min
CMVR
Common Mode
CMRR e 60 db
g
35
g
32
V
Voltage Range
a
PSRR
Positive Power
Va e 45V to 5V
62
db
Supply Rejection
Vb eb50V
75
55
min
Ratio
b
PSRR
Negative Power
Va e 50V
62
db
Supply Rejection
Vb eb45V to b50V
75
55
min
Ratio
CIN-CM
Common-Mode
25
pF
Input Capacitance
CIN-DIFF
Differential-Mode
25
pF
Input Capacitance
AVOL
Voltage Gain
VO eb2V to a2V
70
62
db
RL e 1kX
55
http
www nationalcom
2


Similar Part No. - LM6311

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM631 SEOUL-LM631 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM631 SEOUL-LM631 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM631 SEOUL-LM631 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM631 SEOUL-LM631 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM631 SEOUL-LM631 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LM6311

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5801 NSC-CLC5801 Datasheet
462Kb / 14P
   High Speed Low Noise Voltage Feedback Amplifier
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com