Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL156MRBN Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSL156MRBN
Description  Green-Mode Fairchild Power Switch (FPS??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL156MRBN Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSL156MRBN Datasheet HTML 2Page - Fairchild Semiconductor FSL156MRBN Datasheet HTML 3Page - Fairchild Semiconductor FSL156MRBN Datasheet HTML 4Page - Fairchild Semiconductor FSL156MRBN Datasheet HTML 5Page - Fairchild Semiconductor FSL156MRBN Datasheet HTML 6Page - Fairchild Semiconductor FSL156MRBN Datasheet HTML 7Page - Fairchild Semiconductor FSL156MRBN Datasheet HTML 8Page - Fairchild Semiconductor FSL156MRBN Datasheet HTML 9Page - Fairchild Semiconductor FSL156MRBN Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL156MRBN • Rev. 1.0.0
6
Electrical Characteristics (Continued)
TJ = 25C unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Total Device Section
IOP
Operating Supply Current,
(Control Part in Burst Mode)
VCC = 14V, VFB = 0V
0.3
0.4
0.5
mA
IOPS
Operating Switching Current,
(Control Part and SenseFET Part)
VCC = 14V, VFB = 2V
1.1
1.5
1.9
mA
ISTART
Start Current
VCC=11V (Before VCC
Reaches VSTART)
85
120
155
µA
ICH
Startup Charging Current
VCC = VFB = 0V, VSTR = 40V
0.7
1.0
1.3
mA
VSTR
Minimum VSTR Supply Voltage
VCC = VFB = 0V, VSTR Sweep
26
V
Notes:
12. Although these parameters are guaranteed, they are not 100% tested in production.
13. Average value.
14. tLEB includes gate turn-on time.
Comparison of FSGM300N and FSL156MRBN
Function
FSGM300N
FSL156MRBN
Advantages of FSL156MRBN
Operating Current
1.5mA
0.4mA
Very low standby power
Power Balance
Long tCLD
Very Short tCLD
The difference of input power between the
low and high input voltage is quite small.


Similar Part No. - FSL156MRBN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL156MRIN FAIRCHILD-FSL156MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
logo
ON Semiconductor
FSL156MRIN ONSEMI-FSL156MRIN Datasheet
1Mb / 15P
   Green-Mode Power Switch (FPS??
April 2018 Rev. 2
More results

Similar Description - FSL156MRBN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com