Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL206MRBN Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSL206MRBN
Description  Green Mode Fairchild Power Switch (FPS??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSL206MRBN Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSL206MRBN Datasheet HTML 1Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 2Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 3Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 4Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 5Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 6Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 7Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 8Page - Fairchild Semiconductor FSL206MRBN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSL206MR • Rev. 1.0.5
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. TA = 25°C unless otherwise specified.
Symbol
Parameter
Min.
Max.
Unit
VSTR
VSTR Pin Voltage
-0.3
650.0
V
VDS
Drain Pin Voltage
-0.3
650.0
V
VCC
Supply Voltage
26
V
VLS
LS Pin Voltage
-0.3
Internally Clamped
Voltage
(4)
V
VFB
Feedback Voltage Range
-0.3
Internally Clamped
Voltage
(4)
V
IDM
Drain Current Pulsed
(5)
1.5
A
EAS
Single-Pulsed Avalanche Energy
(6)
11
mJ
PD
Total Power Dissipation
1.3
W
TJ
Operating Junction Temperature
-40
+150
°C
TA
Operating Ambient Temperature
-40
+125
°C
TSTG
Storage Temperature
-55
+150
°C
ESD
Human Body Model, JESD22-A114
4
KV
Charged Device Model, JESD22-C101
2
Notes:
4.
VFB is clamped by internal clamping diode (13V ICLAMP_MAX < 100μA). After shutdown, before VCC reaching VSTOP,
VSD < VFB < VCC.
5.
Repetitive rating: pulse-width limited by maximum junction temperature.
6.
L=21mH, starting TJ=25°C.
Thermal Impedance
TA=25°C unless otherwise specified.
Symbol
Parameter
Value
Unit
θJA
Junction-to-Ambient Thermal Impedance
(7)
93
°C/W
Notes:
7.
JEDEC recommended environment, JESD51-2 and test board, JESD51-10 with minimum land pattern for 8DIP
and JESD51-3 with minimum land pattern for 8LSOP.


Similar Part No. - FSL206MRBN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL206MRBN FAIRCHILD-FSL206MRBN Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
logo
ON Semiconductor
FSL206MRBN ONSEMI-FSL206MRBN Datasheet
528Kb / 16P
   Green Mode Power Switch
March, 2020 ??Rev. 4
More results

Similar Description - FSL206MRBN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com