Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5951 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5951
Description  24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5951 Datasheet(HTML) 1 Page - Texas Instruments

  TLC5951 Datasheet HTML 1Page - Texas Instruments TLC5951 Datasheet HTML 2Page - Texas Instruments TLC5951 Datasheet HTML 3Page - Texas Instruments TLC5951 Datasheet HTML 4Page - Texas Instruments TLC5951 Datasheet HTML 5Page - Texas Instruments TLC5951 Datasheet HTML 6Page - Texas Instruments TLC5951 Datasheet HTML 7Page - Texas Instruments TLC5951 Datasheet HTML 8Page - Texas Instruments TLC5951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
¼
¼
VCC
¼
¼
VLED
¼
GSSIN
GSSCK
GSLAT
DCSIN
DCSCK
¼
R
IREF
Controller
7
FLAGS
READ
XBLNK
GSCKR
GSCKG
GCCKB
¼
GSSIN
GSSCK
GSLAT
GSSOUT
DCSOUT
VCC
GND
TLC5951
IC1
OUTR0/G0/B0
OUTR7/G7/B7
DCSIN
DCSCK
XBLNK
GSCKR
GSCKG
GSCKB
IREF
¼
GSSIN
GSSCK
GSLAT
GSSOUT
DCSOUT
VCC
GND
TLC5951
ICn
OUTR0/G0/B0
OUTR7/G7/B7
DCSIN
DCSCK
XBLNK
GSCKR
GSCKG
GSCKB
IREF
VCC
R
IREF
TLC5951
www.ti.com
SBVS127B – MARCH 2009 – REVISED DECEMBER 2009
24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
and 3-Group, 8-Bit Global Brightness Control
Check for Samples: TLC5951
1
FEATURES
33-MHz Grayscale Control Clock
23
24-Channel Constant-Current Sink Output
Continuous Base LED Open Detection (LOD)
Current Capability: 40 mA
Continuous Base LED Short Detection (LSD)
Selectable Grayscale (GS) Control with PWM:
Thermal Shutdown (TSD) with Auto Restart
12-Bit (4096 Step), 10-Bit (1024 Step), 8-Bit
Grouped Delay to Prevent Inrush Current
(256 Step)
Operating Air Temperature: –40°C to +85°C
Three Independent Grayscale Clocks for Three
Packages: HTSSOP-38, QFN-40
Color Groups
Dot Correction (DC): 7-Bit (128 Step)
APPLICATIONS
Global Brightness Control (BC) for Each Color
Full-Color LED Displays
Group: 8-Bit (256 Step)
LED Signboards
Auto Display Repeat Function
DESCRIPTION
Independent Data Port for GS and BC/DC Data
Communication Path Between Each Data Port
The TLC5951 is a 24-channel, constant-current sink
driver. Each channel has an individually-adjustable,
LED Power-Supply Voltage up to 15 V
4096-step, pulse width modulation (PWM) grayscale
VCC = 3.0 V to 5.5 V
(GS) brightness control and 128 step constant-current
Constant-Current Accuracy:
dot correction (DC). The dot correction adjusts
brightness deviation between channels and other
Channel-to-Channel = ±1.5%
LED drivers. The output channels are grouped into
Device-to-Device = ±3%
three groups of eight channels. Each channel group
CMOS Logic Level I/O
has a 256-step global brightness control (BC) function
and an individual grayscale clock input.
Data Transfer Rate: 30 MHz
Typical Application Circuit (Multiple Daisy-Chained TLC5951s)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951 TI1-TLC5951 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951RTAR TI1-TLC5951RTAR Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951TDA2 TI1-TLC5951TDA2 Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951TDA3 TI1-TLC5951TDA3 Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
More results

Similar Description - TLC5951

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951_17 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC6C5724-Q1 TI1-TLC6C5724-Q1 Datasheet
775Kb / 53P
[Old version datasheet]   24-Channel, Full Diagnostics, Constant-Current LED Driver With 7-Bit Dot Correction and 12-Bit PWM Dimming
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com