Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5951RHAT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5951RHAT
Description  24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5951RHAT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5951RHAT Datasheet HTML 5Page - Texas Instruments TLC5951RHAT Datasheet HTML 6Page - Texas Instruments TLC5951RHAT Datasheet HTML 7Page - Texas Instruments TLC5951RHAT Datasheet HTML 8Page - Texas Instruments TLC5951RHAT Datasheet HTML 9Page - Texas Instruments TLC5951RHAT Datasheet HTML 10Page - Texas Instruments TLC5951RHAT Datasheet HTML 11Page - Texas Instruments TLC5951RHAT Datasheet HTML 12Page - Texas Instruments TLC5951RHAT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
TLC5951
www.ti.com
SBVS127B – MARCH 2009 – REVISED DECEMBER 2009
TERMINAL FUNCTIONS
TERMINAL
NO.
NAME
DAP
RHA
I/O
DESCRIPTION
Serial data input for the 288-bit common shift register for grayscale (GS), dot
correction (DC), global brightness control (BC), and function control (FC) data.
GSSIN
1
26
I
GSSIN is connected to the LSB of the 288-bit common shift register. This pin is
internally pulled to GND with a 500-k
Ω resistor.
Serial data shift clock for the 288-bit common shift register for GS/DC/BC/FC data.
Data present on GSSIN are shifted into the LSB of the shift register with the rising
GSSCK
2
27
I
edge of GSSCK. Data in the shift register are shifted toward the MSB at each
rising edge of GSSCK. The MSB data of the shift register appear on GSSOUT.
Data in the 288-bit common shift register are copied to the GS data latch or to the
DC/BC/FC data latch at the rising edge of GSLAT. The level of GSLAT at the last
GSSCK before the GSLAT rising edge determines which of the two latches the
data are transferred into. When GSLAT is low at the last GSSCK rising edge, all
GSLAT
3
28
I
288 bits in the common shift register are copied to the GS data latch. When
GSLAT is high at the last GSSCK rising edge, bits 0-198 are copied to the
DC/BC/FC data latch and bits 199-215 are copied to the 216-bit DC/BC/FC/UD
shift register. The GSLAT rising edge for a DC/BC/FC/UD data write must be input
more than 7 ms after a data write through the DCSIN pin.
Serial data output of the 288-bit common shift register. LED open detection (LOD),
LED short detection (LSD), thermal error flag (TEF), and 199-bit data in the
GSSOUT
19
5
O
DC/BC/FC data latch can be read via GSSOUT. GSSOUT is connected to the
MSB of the shift register. Data are clocked out at the rising edge of GSSCK.
Serial data input for the 216-bit DC/BC/FC/UD shift register. DCSIN is connected
DCSIN
38
25
I
to the LSB of the shift register.
Serial data shift clock for the 216-bit DC/BC/FC/UD shift register. Data present on
DCSIN are shifted into the LSB of the shift register with the DCSCK rising edge.
Data in the shift register are shifted toward the MSB at each DCSCK rising edge.
DCSCK
37
24
I
The MSB data of the register appear on DCSOUT. The 216-bit data in the shift
register are automatically copied to DC/BC/FC/UD data latch 3 ms to 7 ms after
the DCSCK rising edge is not input.
Serial data output of the 216-bit shift register. DCSOUT is connected to the MSB of
DCSOUT
20
6
O
the shift register. Data are clocked out at the rising edge of DCSCK.
Reference clock for the GS pulse width modulation (PWM) control for the RED
GSCKR
5
30
I
LED output group. When XBLNK is high, each GSCKR rising edge increments the
RED LED GS counter for PWM control.
Reference clock for the GS PWM control for the GREEN LED output group. When
GSCKG
4
29
I
XBLNK is high, each GSCKR rising edge increments the GREEN LED GS counter
for PWM control.
Reference clock for the GS PWM control for the BLUE LED output group. When
GSCKB
6
31
I
XBLNK is high, each GSCKR rising edge increments the BLUE LED GS counter
for PWM control.
When XBLNK is low, all constant-current outputs (OUTR0-OUTR7,
OUTG0-OUTG7, OUTB0-OUTB7) are forced off. The grayscale counters for each
color group are reset to '0', and the grayscale PWM timing controller is initialized.
XBLNK
36
23
I
When XBLNK is high, all constant current outputs are controlled by the grayscale
PWM timing controller for each color LED. This pin is internally pulled to GND with
a 500 k
Ω resistor.
A resistor connected between IREF and GND sets the maximum current for all
IREF
34
21
I/O
constant current outputs.
Constant-current outputs for the RED LED group. These outputs are controlled
with the GSCKR clock signal.
8, 11, 14,
2, 9, 12, 15,
The RED LED group is divided into four subgroups: OUTR0/OUTR4,
OUTR0-
17, 22, 25,
18, 33, 36,
O
OUTR1/OUTR5, OUTR2/OUTR6, and OUTR3/OUTR7.
OUTR7
28, 31
39
Each paired output turns on/off with 24 ns (typ) time delay between other paired
outputs. Multiple outputs can be tied together to increase the constant current
capability. Different voltages can be applied to each output.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLC5951


Similar Part No. - TLC5951RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951RTAR TI1-TLC5951RTAR Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
More results

Similar Description - TLC5951RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951_17 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC6C5724-Q1 TI1-TLC6C5724-Q1 Datasheet
775Kb / 53P
[Old version datasheet]   24-Channel, Full Diagnostics, Constant-Current LED Driver With 7-Bit Dot Correction and 12-Bit PWM Dimming
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com