Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE40HX640-CM225 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ICE40HX640-CM225
Description  iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40HX640-CM225 Datasheet(HTML) 3 Page - Lattice Semiconductor

  ICE40HX640-CM225 Datasheet HTML 1Page - Lattice Semiconductor ICE40HX640-CM225 Datasheet HTML 2Page - Lattice Semiconductor ICE40HX640-CM225 Datasheet HTML 3Page - Lattice Semiconductor ICE40HX640-CM225 Datasheet HTML 4Page - Lattice Semiconductor ICE40HX640-CM225 Datasheet HTML 5Page - Lattice Semiconductor ICE40HX640-CM225 Datasheet HTML 6Page - Lattice Semiconductor ICE40HX640-CM225 Datasheet HTML 7Page - Lattice Semiconductor ICE40HX640-CM225 Datasheet HTML 8Page - Lattice Semiconductor ICE40HX640-CM225 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
iCE40 HX-Series Ultra-Low Power mobileFPGAFamily
Lattice Semiconductor Corporation
(1.31, 30-MAR-2012)
www.latticesemi.com/
3
Electrical Characteristics
All parameter limits are specified under worst-case supply voltage, junction temperature, and processing conditions.
Absolute Maximum Ratings
Stresses beyond those listed under Table 2 may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions beyond those listed under the Recommended
Operating Conditions is not implied. Exposure to absolute maximum conditions for extended periods of time
adversely affects device reliability.
Table 2: Absolute Maximum Ratings
Symbol
Description
Minimum Maximum
Units
VCC
Core supply Voltage
–0.5
1.42
V
VPP_2V5
VPP_2V5 NVCM programming and operating supply
V
VPP_FAST
Optional fast NVCM programming supply
V
VCCIO_0
VCCIO_1
VCCIO_2
VCCIO_3
SPI_VCC
I/O bank supply voltage (I/O Banks 0, 1, 2 and 3 plus SPI
interface)
–0.5
4.00
V
VIN_0
VIN_1
VIN_2
VIN_SPI
VIN_3
Voltage applied to PIO pin within a specific I/O bank (I/O
Banks 0, 1, 2 and 3 plus SPI interface)
–1.0
3.6
V
VCCPLL
Analog voltage supply to the Phase Locked Loop (PLL)
–0.5
1.30
V
IOUT
DC output current per pin
20
mA
TJ
Junction temperature
–55
125
°C
TSTG
Storage temperature, no bias
–65
150
°C
Recommended Operating Conditions
Table 3: Recommended Operating Conditions
Symbol
Description
Minimum
Nominal
Maximum
Units
VCC
Core supply voltage
High Performance, low-power
1.14
1.20
1.26
V
VPP_2V51
VPP_2V5 NVCM
programming and operating
supply
Release from Power-on Reset
1.30
3.47
V
Configure from NVCM
2.30
3.47
V
NVCM programming
2.30
3.00
V
VPP_FAST2
Optional fast NVCM programming supply
Leave unconnected in application
SPI_VCC
SPI interface supply voltage
1.71
3.47
V
VCCIO_0
VCCIO_1
VCCIO_2
VCCIO_3
SPI_VCC
I/O standards, all banks
LVCMOS33
2.70
3.30
3.47
V
LVCMOS25, LVDS
2.38
2.50
2.63
V
LVCMOS18, SubLVDS
1.71
1.80
1.89
V
LVCMOS15
1.43
1.50
1.58
V
VCCPLL3
Analog voltage supply to the Phase Locked Loop (PLL)
1.14
1.20
1.26
V
TA
Ambient temperature
–40
85
°C
TPROG
NVCM programming temperature
10
25
30
°C
Notes:
1. VPP_2V5 must be connected to a valid voltage, when the iCE40HX device is active.
2. VPP_FAST, used only for fast production programming, must be left floating or unconnected in application.
3. VCCPLL must be tied to VCC when PLL is not used.


Similar Part No. - ICE40HX640-CM225

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ICE40HX LATTICE-ICE40HX Datasheet
1Mb / 52P
   iCE40 LP/HX Family
iCE40HX1K-CB132 LATTICE-iCE40HX1K-CB132 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40HX1K-CB132 LATTICE-ICE40HX1K-CB132 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
iCE40HX1K-TQ144 LATTICE-iCE40HX1K-TQ144 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40HX1K-TQ144 LATTICE-ICE40HX1K-TQ144 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
More results

Similar Description - ICE40HX640-CM225

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40 LATTICE-ICE40 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
ICE40UP LATTICE-ICE40UP Datasheet
1Mb / 53P
   iCE40 UltraPlus??Family
logo
SparkFun Electronics
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
   Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
logo
Silicon Laboratories
C8051F960-B-GM SILABS-C8051F960-B-GM Datasheet
4Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
C801F96X SILABS-C801F96X_V01 Datasheet
9Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
SI102X SILABS-SI102X Datasheet
4Mb / 538P
   Ultra Low Power 128K, LCD MCU Family
logo
Freescale Semiconductor...
MKL16Z128VFT4 FREESCALE-MKL16Z128VFT4 Datasheet
397Kb / 2P
   Kinetis KL1x Family Ultra-low-power entry-level MCUs
logo
Renesas Technology Corp
HC55120 RENESAS-HC55120 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com