Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVT040A0X3-SRPHZ Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # MVT040A0X3-SRPHZ
Description  40A Analog Mega DLynxTM:
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

MVT040A0X3-SRPHZ Datasheet(HTML) 5 Page - Lineage Power Corporation

  MVT040A0X3-SRPHZ Datasheet HTML 1Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 2Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 3Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 4Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 5Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 6Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 7Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 8Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Advance Data Sheet
November 17, 2011
40A Analog Mega DLynxTM: Non-isolated DC-DC Power Module
4.5 – 14.4Vdc input; 0.6Vdc to 2Vdc output; 40A output current
LINEAGE POWER
5
Feature Specifications (cont.)
Parameter
Device
Symbol
Min
Typ
Max
Units
Tracking Accuracy
(Power-Up: 2V/ms)
All
VSEQ –Vo
100
mV
(Power-Down: 2V/ms)
All
VSEQ –Vo
100
mV
(VIN, min to VIN, max; IO, min to IO, max VSEQ < Vo)
Input Undervoltage Lockout
Turn-on Threshold
All
2.475
3.025
Vdc
Turn-off Threshold
All
2.25
2.75
Vdc
Hysteresis
All
0.25
Vdc
PGOOD (Power Good)
Signal Interface Open Drain, Vsupply
≤ 5VDC
Overvoltage threshold for PGOOD ON
108
%VO, set
Overvoltage threshold for PGOOD OFF
105
%VO, set
Undervoltage threshold for PGOOD ON
110
%VO, set
Undervoltage threshold for PGOOD OFF
90
%VO, set
Pulldown resistance of PGOOD pin
All
50
Ω


Similar Part No. - MVT040A0X3-SRPHZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MVT-2510 ETC1-MVT-2510 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2511 ETC1-MVT-2511 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2512 ETC1-MVT-2512 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2513 ETC1-MVT-2513 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2514 ETC1-MVT-2514 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
More results

Similar Description - MVT040A0X3-SRPHZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT040A0X ETC2-MDT040A0X Datasheet
1Mb / 35P
   40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
logo
Lineage Power Corporati...
UVT020A0X3-SRZ LINEAGEPOWER-UVT020A0X3-SRZ Datasheet
628Kb / 23P
   20A Analog Micro DLynxTM
PVX003A0X3-SRZ LINEAGEPOWER-PVX003A0X3-SRZ Datasheet
1Mb / 23P
   3A Analog Pico DLynxTM:
PDT012A0X3_1108 LINEAGEPOWER-PDT012A0X3_1108 Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
UDT020A0X3-SRZ LINEAGEPOWER-UDT020A0X3-SRZ Datasheet
792Kb / 40P
   20A Digital Micro DLynxTM:
PVX012A0X3-SRZ LINEAGEPOWER-PVX012A0X3-SRZ Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X LINEAGEPOWER-PDT012A0X Datasheet
776Kb / 32P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
   40A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com