Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE40HX1K-VQ225 Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ICE40HX1K-VQ225
Description  iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40HX1K-VQ225 Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ICE40HX1K-VQ225 Datasheet HTML 4Page - Lattice Semiconductor ICE40HX1K-VQ225 Datasheet HTML 5Page - Lattice Semiconductor ICE40HX1K-VQ225 Datasheet HTML 6Page - Lattice Semiconductor ICE40HX1K-VQ225 Datasheet HTML 7Page - Lattice Semiconductor ICE40HX1K-VQ225 Datasheet HTML 8Page - Lattice Semiconductor ICE40HX1K-VQ225 Datasheet HTML 9Page - Lattice Semiconductor ICE40HX1K-VQ225 Datasheet HTML 10Page - Lattice Semiconductor ICE40HX1K-VQ225 Datasheet HTML 11Page - Lattice Semiconductor ICE40HX1K-VQ225 Datasheet HTML 12Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
iCE40 HX-Series Ultra-Low Power mobileFPGAFamily
Lattice Semiconductor Corporation
(1.31, 30-MAR-2012)
www.latticesemi.com/
8
RAM4K Block
Table 10 provides timing information for the logic in a RAM4K block, which includes the paths shown in Figure 9.
Figure 9: RAM4K Timing Circuit
PAD
PIO
PAD
PIO
GBIN
GBUF
WDATA
WCLK
RDATA
RCLK
RAM4K
RAM Block
(256x16)
GBIN
GBUF
Table 10: Typical RAM4K Block Timing
Nominal VCC
1.2 V
Description
Typ.
Write Setup/Hold Time
tSUWD
PIO
input
GBIN
input
Minimum write data setup time on PIO inputs before active clock
edge on GBIN input, include interconnect delay.
0.44
ns
tHDWD
GBIN
input
PIO
input
Minimum write data hold time on PIO inputs after active clock edge
on GBIN input, including interconnect delay.
0
ns
Read Clock-Output-Time
tCKORD
RCLK
clock
input
PIO
output
Clock-to-output delay from RCLK input pin, through RAM4K RDATA
output flip-flop to PIO output pad, including interconnect delay.
4.1
ns
tGBCKRM
GBIN
input
RCLK
clock
input
Global Buffer Input (GBIN) delay, though Global Buffer (GBUF)
clock network to the RCLK clock input.
1.4
ns
Write and Read Clock Characteristics
tRMWCKH
WCLK
RCLK
WCLK
RCLK
Write clock High time
0.30
ns
tRMWCKL
Write clock Low time
0.35
ns
tRMWCYC
Write clock cycle time
0.71
ns
FWMAX
Sustained write clock frequency
256
MHz


Similar Part No. - ICE40HX1K-VQ225

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
More results

Similar Description - ICE40HX1K-VQ225

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40 LATTICE-ICE40 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
ICE40UP LATTICE-ICE40UP Datasheet
1Mb / 53P
   iCE40 UltraPlus??Family
logo
SparkFun Electronics
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
   Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
logo
Silicon Laboratories
C8051F960-B-GM SILABS-C8051F960-B-GM Datasheet
4Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
C801F96X SILABS-C801F96X_V01 Datasheet
9Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
SI102X SILABS-SI102X Datasheet
4Mb / 538P
   Ultra Low Power 128K, LCD MCU Family
logo
Freescale Semiconductor...
MKL16Z128VFT4 FREESCALE-MKL16Z128VFT4 Datasheet
397Kb / 2P
   Kinetis KL1x Family Ultra-low-power entry-level MCUs
logo
Renesas Technology Corp
HC55120 RENESAS-HC55120 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com