Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDX040A0X4-SR-P-HZ Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # UDX040A0X4-SR-P-HZ
Description  40A Analog Mega DLynxTM:
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

UDX040A0X4-SR-P-HZ Datasheet(HTML) 4 Page - Lineage Power Corporation

  UDX040A0X4-SR-P-HZ Datasheet HTML 1Page - Lineage Power Corporation UDX040A0X4-SR-P-HZ Datasheet HTML 2Page - Lineage Power Corporation UDX040A0X4-SR-P-HZ Datasheet HTML 3Page - Lineage Power Corporation UDX040A0X4-SR-P-HZ Datasheet HTML 4Page - Lineage Power Corporation UDX040A0X4-SR-P-HZ Datasheet HTML 5Page - Lineage Power Corporation UDX040A0X4-SR-P-HZ Datasheet HTML 6Page - Lineage Power Corporation UDX040A0X4-SR-P-HZ Datasheet HTML 7Page - Lineage Power Corporation UDX040A0X4-SR-P-HZ Datasheet HTML 8Page - Lineage Power Corporation UDX040A0X4-SR-P-HZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Advance Data Sheet
November 17, 2011
40A Analog Mega DLynxTM: Non-isolated DC-DC Power Module
4.5 – 14.4Vdc input; 0.6Vdc to 2Vdc output; 40A output current
LINEAGE POWER
4
General Specifications
Parameter
Device
Min
Typ
Max
Unit
Calculated MTBF (IO=0.8IO, max, TA=40°C) Telecordia Issue 2
Method 1 Case 3
All
TBD
Hours
Weight
TBD
g (oz.)
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions for additional information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
On/Off Signal Interface
(VIN=VIN, min to VIN, max ; open collector or equivalent,
Signal referenced to GND)
Device is with suffix “4” – Positive Logic (See Ordering
Information)
Logic High (Module ON)
Input High Current
All
IIH
TBD
µA
Input High Voltage
All
VIH
TBD
VIN,max
V
Logic Low (Module OFF)
Input Low Current
All
IIL
TBD
mA
Input Low Voltage
All
VIL
-0.3
TBD
V
Device Code with no suffix – Negative Logic (See Ordering
Information)
(On/OFF pin is open collector/drain logic input with
external pull-up resistor; signal referenced to GND)
Logic High (Module OFF)
Input High Current
All
IIH
TBD
mA
Input High Voltage
All
VIH
TBD
VIN, max
Vdc
Logic Low (Module ON)
Input low Current
All
IIL
TBD
μA
Input Low Voltage
All
VIL
-0.2
TBD
Vdc
Turn-On Delay and Rise Times
(VIN=VIN, nom, IO=IO, max , VO to within ±1% of steady state)
Case 1: On/Off input is enabled and then input power is
applied (delay from instant at which VIN = VIN, min until Vo =
10% of Vo, set)
All
Tdelay
1.1
msec
Case 2: Input power is applied for at least one second and
then the On/Off input is enabled (delay from instant at
which Von/Off is enabled until Vo = 10% of Vo, set)
All
Tdelay
700
μsec
Output voltage Rise time (time for Vo to rise from
10% of Vo, set to 90% of Vo, set)
All
Trise
3.1
msec
Output voltage overshoot (TA = 25
oC
VIN= VIN, min to VIN, max,IO = IO, min to IO, max)
With or without maximum external capacitance
3.0
% VO, set
Output voltage overshoot (TA = 25
oC
VIN= VIN, min to VIN, max,IO = IO, min to IO, max)
With or without maximum external capacitance
3.0
% VO, set
Over Temperature Protection
(See Thermal Considerations section)
All
Tref
145
°C


Similar Description - UDX040A0X4-SR-P-HZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT040A0X ETC2-MDT040A0X Datasheet
1Mb / 35P
   40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
logo
Lineage Power Corporati...
UVT020A0X3-SRZ LINEAGEPOWER-UVT020A0X3-SRZ Datasheet
628Kb / 23P
   20A Analog Micro DLynxTM
PVX003A0X3-SRZ LINEAGEPOWER-PVX003A0X3-SRZ Datasheet
1Mb / 23P
   3A Analog Pico DLynxTM:
PDT012A0X3_1108 LINEAGEPOWER-PDT012A0X3_1108 Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
UDT020A0X3-SRZ LINEAGEPOWER-UDT020A0X3-SRZ Datasheet
792Kb / 40P
   20A Digital Micro DLynxTM:
PVX012A0X3-SRZ LINEAGEPOWER-PVX012A0X3-SRZ Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X LINEAGEPOWER-PDT012A0X Datasheet
776Kb / 32P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
   40A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com