Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX8K Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # HX8K
Description  iCE40??HX-Series Ultra Low-Power mobileFPGA??Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

HX8K Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button HX8K Datasheet HTML 4Page - Lattice Semiconductor HX8K Datasheet HTML 5Page - Lattice Semiconductor HX8K Datasheet HTML 6Page - Lattice Semiconductor HX8K Datasheet HTML 7Page - Lattice Semiconductor HX8K Datasheet HTML 8Page - Lattice Semiconductor HX8K Datasheet HTML 9Page - Lattice Semiconductor HX8K Datasheet HTML 10Page - Lattice Semiconductor HX8K Datasheet HTML 11Page - Lattice Semiconductor HX8K Datasheet HTML 12Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
iCE40 HX-Series Ultra-Low Power mobileFPGAFamily
Lattice Semiconductor Corporation
(1.31, 30-MAR-2012)
www.latticesemi.com/
11
Power Consumption Characteristics
Core Power
Table 16 shows the power consumed on the internal VCC supply rail when the device is filled with 16-bit binary
counters, measured with a 32.768 kHz and at 32.0 MHz
Table 16: VCC Power Consumption for Device Filled with 16-Bit Binary Counters
Symbol
Description
VCC
iCE40HX640 iCE40HX1K
iCE40HX4K
iCE40HX8K
Units
Typical
Typical
Typical
Typical
ICC0K
f =0
1.2V
200
267
667
1100
µA
ICC32K
f ≤
.768 kHz
1.2V
222
297
741
1222
µA
ICC32M
f = 32.0 MHz
1.2V
4
4
12
13
mA
I/O Power
Table 17 provides the static current by I/O bank. The typical current for I/O Banks 0, 1, 2 and the SPI bank is not
measurable within the accuracy of the test environment. The PIOs in I/O Bank 3 use different circuitry and dissipate
a small amount of static current.
Table 17: I/O Bank Static Current (f = 0 MHz)
Symbol
Description
Typical
Maximum Units
ICCO_0
I/O Bank 0
Static current consumption per I/O bank.
f = 0 MHz. No PIO pull-up resistors
enabled. All inputs grounded. All
outputs driving Low.
« 1
uA
ICCO_1
I/O Bank 1
« 1
uA
ICCO_2
I/O Bank 2
« 1
uA
ICCO_3
I/O Bank 3
« 1
uA
ICCO_SPI
SPI Bank
« 1
uA
NOTE: The typical static current for I/O Banks 0, 1, 2, and the SPI bank is less than the accuracy of the device tester.
Power Estimator
To estimate the power consumption for a specific application, please download and use the iCE40HX Power Estimator
Spreadsheet our use the power estimator built into the iCEcube2 software.


Similar Part No. - HX8K

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX8001 HBH-HX8001 Datasheet
19Kb / 1P
   28.5-30.5 GHz Passive Upconverter
HX8002 HBH-HX8002 Datasheet
19Kb / 1P
   19.5-21.5 GHz Passive Upconverter
HX8003 HBH-HX8003 Datasheet
24Kb / 1P
   26.0-39.0 GHz Passive Upconverter
logo
Electronic devices inc.
HX80ML EDI-HX80ML Datasheet
85Kb / 2P
   HIGH VOLTAGE RECTIFIERS ULTRA-MINIATURE AND MINIATURE
logo
Gilway Technical Lamp
HX814 GILWAY-HX814 Datasheet
657Kb / 2P
   5.3mm Base Lampholders
More results

Similar Description - HX8K

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ICE40HX1K-VQ100 LATTICE-ICE40HX1K-VQ100 Datasheet
872Kb / 12P
   iCE40??HX-Series Ultra Low-Power FPGA Family
ICE40 LATTICE-ICE40 Datasheet
1Mb / 52P
   iCE40 LP/HX Family
ICE40UP LATTICE-ICE40UP Datasheet
1Mb / 53P
   iCE40 UltraPlus??Family
logo
SparkFun Electronics
DEV-16526 SPARKFUN-DEV-16526 Datasheet
194Kb / 2P
   Alchitry Cu FPGA Development Board (Lattice iCE40 HX)
9????0
logo
Silicon Laboratories
C8051F960-B-GM SILABS-C8051F960-B-GM Datasheet
4Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
C801F96X SILABS-C801F96X_V01 Datasheet
9Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
SI102X SILABS-SI102X Datasheet
4Mb / 538P
   Ultra Low Power 128K, LCD MCU Family
logo
Freescale Semiconductor...
MKL16Z128VFT4 FREESCALE-MKL16Z128VFT4 Datasheet
397Kb / 2P
   Kinetis KL1x Family Ultra-low-power entry-level MCUs
logo
Renesas Technology Corp
HC55120 RENESAS-HC55120 Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com