Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET2511TA Datasheet(PDF) 1 Page - Texas Instruments

Part # ONET2511TA
Description  2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET2511TA Datasheet(HTML) 1 Page - Texas Instruments

  ONET2511TA Datasheet HTML 1Page - Texas Instruments ONET2511TA Datasheet HTML 2Page - Texas Instruments ONET2511TA Datasheet HTML 3Page - Texas Instruments ONET2511TA Datasheet HTML 4Page - Texas Instruments ONET2511TA Datasheet HTML 5Page - Texas Instruments ONET2511TA Datasheet HTML 6Page - Texas Instruments ONET2511TA Datasheet HTML 7Page - Texas Instruments ONET2511TA Datasheet HTML 8Page - Texas Instruments ONET2511TA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OUT+
OUT−
VCC
GND
Bandgap Voltage
Reference and
Bias Current
Generation
Offset
Cancellation
CML
Output
Buffer
+
+
IN
FILTER
RSSI
Voltage
Amplifier
Transimpedance
Amplifier
RF
Disable
750 W
Not Recommended for New Designs
ONET2511TA
www.ti.com
SLLS622 – SEPTEMBER 2004
2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
Check for Samples: ONET2511TA
1
FEATURES
DESCRIPTION
2.5 GHz Bandwidth
4.0 k
Ω Differential Transimpedance
The ONET2511TA is a high-speed transimpedance
amplifier used in SDH/SONET systems with data
10 pA/
√Hz Typical Input Referred Noise
rates up to 2.5Gbps. It features a low input referred
2 mA Maximum Input Current
noise, 2.5GHz bandwidth, 4.0k
Ω transimpedance,
Offset Cancellation
and a received signal strength indicator.
Received Signal Strength Indication
The ONET2511TA device is available in die form and
Differential CML Data Outputs
requires a single +3.3V supply. It is very power
efficient and dissipates less than 83 mW (typical). It is
Single +3.3V Supply
characterized for operations from –40°C to 85°C.
Bare-Die Option
AVAILABLE OPTIONS
APPLICATIONS
TA
DIE
SONET OC-48
–40°C to 85°C
ONET2511TAY
SDH STM-16
APD Preamplifier-Receivers
PIN Preamplifier-Receivers
DETAILED DESCRIPTION
BLOCK DIAGRAM
The ONET2511TA is a high performance 2.5 Gbps transimpedance amplifier that can be segmented into the
signal path, filter, and offset cancellation block.
The signal path consists of a transimpedance amplifier stage, a voltage amplifier, and an output buffer.
The filter circuit provides a filtered VCC for the photodiode.
The offset correction circuit uses an internal low pass filter to cancel the DC on the input and it provides a signal
to monitor the received signal strength.
A simplified block diagram of the ONET2511TA is shown in Figure 1.
Figure 1. Simplified Block Diagram of the ONET2511TA
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ONET2511TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2511PA TI-ONET2511PA Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2511PARGTR TI-ONET2511PARGTR Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2511PARGTRG4 TI-ONET2511PARGTRG4 Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2511PARGTT TI-ONET2511PARGTT Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
ONET2511PARGTTG4 TI-ONET2511PARGTTG4 Datasheet
624Kb / 14P
[Old version datasheet]   155-mbps to 2.5-gbps Limiting amplifier
More results

Similar Description - ONET2511TA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET2591TA TI1-ONET2591TA_17 Datasheet
951Kb / 16P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
[Old version datasheet]   10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com