Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV34S301MP Datasheet(PDF) 8 Page - Littelfuse

Part # TMOV34S301MP
Description  Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV34S301MP Datasheet(HTML) 8 Page - Littelfuse

  TMOV34S301MP Datasheet HTML 1Page - Littelfuse TMOV34S301MP Datasheet HTML 2Page - Littelfuse TMOV34S301MP Datasheet HTML 3Page - Littelfuse TMOV34S301MP Datasheet HTML 4Page - Littelfuse TMOV34S301MP Datasheet HTML 5Page - Littelfuse TMOV34S301MP Datasheet HTML 6Page - Littelfuse TMOV34S301MP Datasheet HTML 7Page - Littelfuse TMOV34S301MP Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: July 5, 2012
TMOV®34S Varistor Series
Industrial High Energy Thermally Protected Varistors > TMOV
®34S Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov34s.html for current information.
37.0 MAX
47.5
MAX
25.4 ± 1.0
7 ± 0.1
S
4 ± 0.5
T
0.51 ± 0.1
1.4 ± 0.1
Part Number
T Dimension
Max Body
Thickness
S Dimension --
Mounting Terminal
Offset
Dimensions - Alternative 2 Leaded Series
Dimensions 3 Leaded Series
37.0 MAX
47.5
Monitor
Terminal
Faces of Terminals In Line
MAX
22.0 ± 1.0
4.5 ± 1.1
± 0.75
5.3 ± 0.1
22.0±1.0
3.0
7.5 ±1.1
±0.25
6.0±0.1
Outside
Terminals
Middle
Terminal
S
42.5
MAX
2.5 to 5.0
T
2.30 ± 0.2
6.0 ± 0.1
5.3 ± 0.1
6.0±0.1
Center to center of outside terminals
Middle terminal does not have seating crimp
(NOTE: Middle terminal is not at center)
Dimensions in millimeter
unless otherwise specified
To order alternative design
with narrow 3mm monitor lead
(right hand terminal as shown)
add suffix X2696 to part number
(NOTE: Middle terminal is not at center)
Middle
Terminal
Part Number
"T" Max Body
Thickness
“S” Mounting
Terminal Offset


Similar Part No. - TMOV34S301MP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S301MP LITTELFUSE-TMOV34S301MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
More results

Similar Description - TMOV34S301MP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV_13 Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV
SS150MOV MDE-SS150MOV Datasheet
304Kb / 5P
   High Energy Thermally Protected SSMOV
logo
Littelfuse
V131DA40 LITTELFUSE-V131DA40_09 Datasheet
119Kb / 4P
   Industrial High Energy Terminal Varistors
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V271HG34 LITTELFUSE-V271HG34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com