Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V5.5MLA0402N Datasheet(PDF) 3 Page - Littelfuse

Part # V5.5MLA0402N
Description  MLA Varistor Seriesv
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V5.5MLA0402N Datasheet(HTML) 3 Page - Littelfuse

  V5.5MLA0402N Datasheet HTML 1Page - Littelfuse V5.5MLA0402N Datasheet HTML 2Page - Littelfuse V5.5MLA0402N Datasheet HTML 3Page - Littelfuse V5.5MLA0402N Datasheet HTML 4Page - Littelfuse V5.5MLA0402N Datasheet HTML 5Page - Littelfuse V5.5MLA0402N Datasheet HTML 6Page - Littelfuse V5.5MLA0402N Datasheet HTML 7Page - Littelfuse V5.5MLA0402N Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Varistor Products
©2011 Littelfuse, Inc.
Revision: November 30, 2011
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
Peak Current and Energy Derating Curve
When transients occur in rapid succession, the average
power dissipation is the energy (watt-seconds) per pulse
times the number of pulses per second. The power so
developed must be within the specifications shown
on the Device Ratings and Specifications Table for the
temperature, the peak surge current and energy ratings
must be derated as shown below.
100
80
60
40
20
0
-55
50
60
70
80
90
100
110
120
130 140 150
AMBIENTTEMPERATURE ( oC)
T1
T2
100
50
0
O1
TIME
T
Peak Pulse CurrentTest Waveform for Clamping Voltage
Limit V-I Characteristic for V9MLA0402L
Limit V-I Characteristic for V5.5MLA0402 to V18MLA0402
Limit V-I Characteristic for V3.5MLA0603 to V30MLA0603
1
10
100
1μA
10μA
100μA
1mA
10mA
1A
10A
100A
V9MLA0402L
V5.5MLA0402L
Current (A)
Limit V-I Characteristic for V3.5MLA0805L to V30MLA0805L
1
10
100
1000
10μA
100μA
1mA
10mA
100mA
1A
10A
100A
V5.5MLA0805L
V3.5MLA0805L
V9MLA0805L
V12MLA0805L
V14MLA0805L
V18MLA0805L
V26MLA0805L
V30MLA0805L
Current (A)
1
10
100
1000
10μA
100μA
1mA
10mA
100mA
1A
10A
100A
V30MLA0603
V26MLA0603
V18MLA0603
V14MLA0603
V9MLA0603, V9MLA0603L
V5.5MLA0603, V5.5MLA0603L
V3.5MLA0603
Current (A)
1
10
100
1μA
10μA
100μA
1mA
10mA
1A
10A
100A
Current (A)
V18MLA0402
V14MLA0402
V9MLA0402
V5.5MLA0402
0
1
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20
μ
8
μs = T
1 = Rise Time
20
μs = T
2 = Decay Time
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
Figure 6


Similar Part No. - V5.5MLA0402N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V5.5MLA0402N LITTELFUSE-V5.5MLA0402N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V5.5MLA0402N LITTELFUSE-V5.5MLA0402N Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5.5MLA0402N LITTELFUSE-V5.5MLA0402N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA0402N LITTELFUSE-V5.5MLA0402N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5.5MLA0402N LITTELFUSE-V5.5MLA0402N Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
More results

Similar Description - V5.5MLA0402N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V30MLA1210NH LITTELFUSE-V30MLA1210NH Datasheet
875Kb / 8P
   MLA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V3.5MLA0603NHAUTO LITTELFUSE-V3.5MLA0603NHAUTO Datasheet
729Kb / 8P
   MLA Automotive Varistor Series
logo
Bourns Electronic Solut...
CG0402MLA-5.5MG BOURNS-CG0402MLA-5.5MG Datasheet
272Kb / 4P
   MLA Series Varistor ESD Clamp Protectors
CG0402MLA-14KG BOURNS-CG0402MLA-14KG_12 Datasheet
197Kb / 4P
   ChipGuard MLA Series Varistor ESD Clamp Protectors
CGA0603MLA-16150E BOURNS-CGA0603MLA-16150E Datasheet
673Kb / 3P
   Automotive MLA Series Varistor ESD Clamp Protectors
logo
Littelfuse
V14MLA0603NR LITTELFUSE-V14MLA0603NR Datasheet
380Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V55MLA0402LNR LITTELFUSE-V55MLA0402LNR Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1210NT LITTELFUSE-V18MLA1210NT Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com