Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTB78520WAD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTB78520WAD
Description  20-A, 18??0-V Input Auto-Track Compatible Isolated DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB78520WAD Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTB78520WAD Datasheet HTML 6Page - Texas Instruments PTB78520WAD Datasheet HTML 7Page - Texas Instruments PTB78520WAD Datasheet HTML 8Page - Texas Instruments PTB78520WAD Datasheet HTML 9Page - Texas Instruments PTB78520WAD Datasheet HTML 10Page - Texas Instruments PTB78520WAD Datasheet HTML 11Page - Texas Instruments PTB78520WAD Datasheet HTML 12Page - Texas Instruments PTB78520WAD Datasheet HTML 13Page - Texas Instruments PTB78520WAD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
PTH03050W
15
6
3
4
2
Track
VIN
VO
GND
Inhibit
Adjust
PTH03050W
15
6
3
4
2
Track
VIN
VO
GND
Inhibit
Adjust
R1
887
C3
100 µF
C4
100 µF
R2
2.21 k
R3
5.49 k
C1
100 µF
Vo Seq (3.3 V)
VPOL1 (2.5 V)
VPOL2 (1.8 V)
+VI
–VI
C2
100 µF
PTB78520W
VO Bus
VO Seq
+VI
–VI
+Sense
VO Adjust
–Sense
VO COM
VO Enable
Track
1
2
3
4
8
10
9
7
6
5
U1
U2
U3
Figure 2-2; Power-Up Sequencing Circuit With PTB78520W & Non-Isolated POL Modules
V Bus (1 V/Div)
o
V Seq (1 V/Div)
o
V
1 (1 V/Div)
POL
V
2 (1 V/Div)
POL
HORIZ SCALE: 20 ms/Div
t =20 ms
d
Figure 2-3; PTB78520 Power-Up Waveforms with POL Modules
Typical Power-Up Sequencing Configuration
Figure 2-2 shows how the PTB78520W (U1) can be
configured to provide two 3.3 V sources, that allow it to
both power and sequence with one or more non-isolated
POL modules. The example shows two PTH03050W
modules (U2 & U3), each rated for up 6 A of output current.
Additional voltages, as well as modules with a higher
output current capability can also be specified to meet a
specific application. The number of downstream modules,
their respective output voltage and load current rating is
only limited by the amount of current available at the
‘VO Bus’ output. This is 20 A, less the current allocated
to the load circuit via the ‘VO Seq’ output.
The output voltage adjust range of the PTB78520W is
1.8 V to 3.6 V, which is compatible with the 3.3-V input
non-isolated POL modules. In these applications, the
PTB78520W output voltage must always be set to 3.3 V
(R1 =887Ω). Note that this sets the output voltage of
both the ‘VO Bus’ and ‘VO Seq’ outputs. The 3.3-V input
non-isolated modules, U2 and U3, can be set to any volt-
age over the range, 0.8 V to 2.5 V. In this example they
are set to 2.5 V (R2 =2.21 kΩ) and 1.8 V (R3 =5.49 kΩ)
respectively. Figure 2-3 shows the power-up waveforms
from Figure 2-2 when the Track control input to all three
modules are simply connected together.
The PTB78520W provides input power to the down-
stream non-isolated modules via the ‘Vo Bus’ output.
This is the output that rises first to allow the down-
PTB78520W
stream modules to complete their power-up initialization.
‘VO Seq’ (3.3 V), and the outputs VPOL1 (2.5 V) and VPOL2
(1.8 V), supply the load circuit. These three outputs
are controlled by the track control voltage, which the
PTB78520W holds at ground potential for 20 ms after
the ‘VO Bus’ output is in regulation. When the track
control voltage is finally allowed to rise, the three outputs
rise simultaneously to their respective set-point voltages.
Not Recommended for New Designs


Similar Part No. - PTB78520WAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI1-PTB78560A Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
PTB78560AAH TI-PTB78560AAH Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560AAH TI1-PTB78560AAH Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
PTB78560AAS TI-PTB78560AAS Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
More results

Similar Description - PTB78520WAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
logo
CINCON ELECTRONICS Corp...
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
   20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
logo
Texas Instruments
PT4681 TI-PT4681 Datasheet
290Kb / 13P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PTEA420025 TI1-PTEA420025 Datasheet
338Kb / 16P
[Old version datasheet]   20-A, 48-V INPUT, ISOLATED, 1/8th BRICK DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com