Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV20RP230E Datasheet(PDF) 7 Page - Littelfuse

Part # TMOV20RP230E
Description  TMOV짰 and i TMOV짰 Varistor Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV20RP230E Datasheet(HTML) 7 Page - Littelfuse

  TMOV20RP230E Datasheet HTML 1Page - Littelfuse TMOV20RP230E Datasheet HTML 2Page - Littelfuse TMOV20RP230E Datasheet HTML 3Page - Littelfuse TMOV20RP230E Datasheet HTML 4Page - Littelfuse TMOV20RP230E Datasheet HTML 5Page - Littelfuse TMOV20RP230E Datasheet HTML 6Page - Littelfuse TMOV20RP230E Datasheet HTML 7Page - Littelfuse TMOV20RP230E Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Varistor Products
©2011 Littelfuse, Inc.
Revision: September 25, 2011
TMOV® and i TMOV® Varistor Series
Radial Lead Varistors > TMOV® and iTMOV® Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
DESCRIPTION
MODEL SIZE
14mm
20mm
B
1
ComponentTopto
SeatingPlane
22.5Max
31Max
P
PitchofComponent
25.4+/-1.0
25.4+/-1.0
P
0
FeedHolePitch
12.7+/-0.2
12.7+/-0.2
P
1
FeedHoleCenterto
Pitch
8.95+/-0.7
8.95+/-0.7
P
2
HoleCenterto
ComponentCenter
12.7+/-0.7
12.7+/-0.7
F
LeadtoLeadDistance
7.5+/-0.8
7.5+/-0.8
Δh
ComponentAlignment
2.0Max
2.0Max
W
TapeWidth
18.0+1.0/-0.5
18.0+1.0/-0.5
W
0
HoldDownTapeWidth
12.0+/-0.3
12.0+/-0.3
W
1
HolePosition
9.0+0.75/-0.50 9.0+0.75/-0.50
W
2
HoldDownTape
Position
0.5Max
0.5Max
H
1
ComponentHeight
40.0Max
46.5Max
D
0
FeedHoleDiameter
4.0+/-0.2
4.0+/-0.2
t
TotalTapeThickness
0.7+/-0.2
0.7+/-0.2
L
LengthofClippedLead
11.0Max
11.0Max
Δp
ComponentAlignment
3Max.
1.00mm
3Max
C
CrimpLength
2.6typ
2.6typ
H
0
SeatingPlaneHeight
16.0+/-0.5
16.0+/-0.5
Tape and Reel Specification
TMOV®VARISTORWITHOUTERCRIMP
i
TMOV®VARISTORWITHINNERCRIMP
SEATING
PLANE
b
C
P2
D
P
P
W2
t
F
W0
W
W1
D
H
D
H
D
P
E
D0
P1
P0
H1
H0
B1
•Reelcapacityvarieswithvoltage.
•Leadsarecrimpedandin-line.ThisexcludesthemonitorleadoniTMOV®deviceswhich
arenotcrimpedandnotin-line.
•Toordertapeandreeloptionpleaseaddsuffix'L2T7'toendofstandardpartnumber.
•Tapeandreeloptionisavailableforratedvoltagesupto420V.Contactfactoryregarding
availabilityofhighervoltages.
ContactLittelfuseforadditionaldetails.
Dimensionsinmm


Similar Part No. - TMOV20RP230E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV20R115E LITTELFUSE-TMOV20R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV20R115E LITTELFUSE-TMOV20R115E Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV20R115M LITTELFUSE-TMOV20R115M Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV20R115M LITTELFUSE-TMOV20R115M Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV20R130E LITTELFUSE-TMOV20R130E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
More results

Similar Description - TMOV20RP230E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV LITTELFUSE-TMOV Datasheet
1,021Kb / 8P
   The Littelfuse TMOV짰 and iTMOV짰 thermally protected
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com