Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTD08A006WAD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTD08A006WAD
Description  6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTD08A006WAD Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTD08A006WAD Datasheet HTML 3Page - Texas Instruments PTD08A006WAD Datasheet HTML 4Page - Texas Instruments PTD08A006WAD Datasheet HTML 5Page - Texas Instruments PTD08A006WAD Datasheet HTML 6Page - Texas Instruments PTD08A006WAD Datasheet HTML 7Page - Texas Instruments PTD08A006WAD Datasheet HTML 8Page - Texas Instruments PTD08A006WAD Datasheet HTML 9Page - Texas Instruments PTD08A006WAD Datasheet HTML 10Page - Texas Instruments PTD08A006WAD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
20
60
70
90
f
SW = 350 kHz
V
O = 3.3 V
30
40
50
80
Natural
Convection
0
6
5
4
3
1
I
O – Ouput Current – A
2
20
60
70
90
30
40
50
80
f
SW = 500 kHz
V
O = 3.3 V
0
6
5
4
3
1
I
O – Ouput Current – A
2
Natural
Convection
20
60
70
90
f
SW = 350 kHz
V
O = 1.2 V
30
40
50
80
0
6
5
4
3
1
I
O – Ouput Current – A
2
Natural
Convection
20
60
70
90
f
SW = 500 kHz
V
O = 1.2 V
30
40
50
80
0
6
5
4
3
1
I
O – Ouput Current – A
2
Natural
Convection
20
60
70
90
30
40
50
80
f
SW = 750 kHz
V
O = 1.2 V
100LFM
Nat conv
100 LFM
0
6
5
4
3
1
I
O – Ouput Current – A
2
Natural
Convection
PTD08A006W
www.ti.com
SLTS292A – JUNE 2009 – REVISED FEBRUARY 2010
TYPICAL CHARACTERISTICS (VI = 12 V)
Safe Operating Area (1)
AMBIENT TEMPERATURE vs
AMBIENT TEMPERATURE vs
AMBIENT TEMPERATURE vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 10.
Figure 11.
Figure 12.
AMBIENT TEMPERATURE vs
AMBIENT TEMPERATURE vs
LOAD CURRENT
LOAD CURRENT
Figure 13.
Figure 14.
(1)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm double-sided PCB with 2 oz. copper.
For surface mount packages (AS and AZ suffix), multiple vias must be utilized. Please refer to the mechanical specification for more
information.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PTD08A006W


Similar Part No. - PTD08A006WAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A010W TI1-PTD08A010W Datasheet
536Kb / 15P
[Old version datasheet]   DIGITAL POWERTRAIN??MODULE
PTD08A010WAD TI1-PTD08A010WAD Datasheet
536Kb / 15P
[Old version datasheet]   DIGITAL POWERTRAIN??MODULE
PTD08A010W TI1-PTD08A010W_10 Datasheet
536Kb / 15P
[Old version datasheet]   DIGITAL POWERTRAIN??MODULE
PTD08A015W TI1-PTD08A015W Datasheet
572Kb / 15P
[Old version datasheet]   15-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
More results

Similar Description - PTD08A006WAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A020W TI-PTD08A020W_10 Datasheet
672Kb / 15P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08D210W TI1-PTD08D210W Datasheet
485Kb / 19P
[Old version datasheet]   DUAL 10-A OUTPUTS, 4.75-V to 14-V INPUT, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W Datasheet
121Kb / 6P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_08 Datasheet
312Kb / 14P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A015W TI1-PTD08A015W Datasheet
572Kb / 15P
[Old version datasheet]   15-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A210W TI-PTD08A210W Datasheet
340Kb / 15P
[Old version datasheet]   SINGLE 10-A OUTPUT 4.75-V to 14-V INPUT, NON-ISOLATED DIGITAL POWERTRAIN MODULE
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTR08060W TI-PTR08060W_15 Datasheet
322Kb / 16P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, ADJUSTABLE WIDE-OUTPUT, SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com