Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNC539 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC539
Description  Two Channel Direct Drive Speech Controller?
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC539 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC539 Datasheet HTML 1Page - SONiX Technology Company SNC539 Datasheet HTML 2Page - SONiX Technology Company SNC539 Datasheet HTML 3Page - SONiX Technology Company SNC539 Datasheet HTML 4Page - SONiX Technology Company SNC539 Datasheet HTML 5Page - SONiX Technology Company SNC539 Datasheet HTML 6Page - SONiX Technology Company SNC539 Datasheet HTML 7Page - SONiX Technology Company SNC539 Datasheet HTML 8Page - SONiX Technology Company SNC539 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SNC539
Two Channel Direct Drive Speech Controller
5 FUNCTION DESCRIPTIONS
5.1. Oscillator
SNC539 accept RC type oscillator for system clock. The typical circuit diagram for
oscillator is listed as follow.
OSC
VCC
RC Oscillator
5.2. ROM
SNC539 contains substantial 40K words (10-bit) internal ROM. Program, voices and
other data are shared with this same 40K words ROM.
5.3. RAM
SNC539 contains 128 nibbles RAM. The 128 nibbles RAM are divided into eight
pages (page 0 to page 7, 16 nibble RAM on each page).
In our programming
structure, users can easily define and locate RAM page in the program. For instance,
users can use the instructions, PAGEn (n=0 to 7) to switch and indicate the RAM page.
Besides, users can use direct mode, M0 ~ M15 in the data transfer type instructions, to
access all 16 nibbles of each page.
5.4. Power Down Mode
“End” instruction will power down SNC539 and enable IC to consume fewer current for
power saving. (<3uA @VDD=3V and <5uA @VDD=5V) Please be aware that when
the power down mode is activated in SNC539, any valid data transition (L H or H L)
occurring on any input port (P1) or IO ports (P2, P3 and P6) will lead SNC539 back to
normal operation mode.
5.5. Sampling Rate Counters
Ver: 1.3
August 26, 2003
3
2 independent sampling rate counters are dedicated to 2 individual voice channels to
be able to play diverse voices at different sample playing rates. The playing rate can
be adaptively set up among from the wide ranges of 2.5KHz to 20KHz. This feature
makes voice close to its original source and yield the better voice quality.


Similar Part No. - SNC539

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC532 SONIX-SNC532 Datasheet
432Kb / 11P
   Two Channel Direct Drive Speech Controller
SNC532 SONIX-SNC532 Datasheet
417Kb / 11P
   Two Channel Direct Drive Speech Controller
SNC532 SONIX-SNC532_05 Datasheet
417Kb / 11P
   Two Channel Direct Drive Speech Controller
SNC533 SONIX-SNC533 Datasheet
425Kb / 12P
   Two Channel Direct Drive Speech Controller?
SNC538 SONIX-SNC538 Datasheet
418Kb / 11P
   Two Channel Direct Drive Speech Controller?
More results

Similar Description - SNC539

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC549 SONIX-SNC549 Datasheet
437Kb / 12P
   Two Channel Direct Drive Speech Controller?
SNC563 SONIX-SNC563 Datasheet
424Kb / 12P
   Two Channel Direct Drive Speech Controller?
SNC532 SONIX-SNC532_05 Datasheet
417Kb / 11P
   Two Channel Direct Drive Speech Controller
SNC538 SONIX-SNC538_05 Datasheet
406Kb / 11P
   Two Channel Direct Drive Speech Controller
SNC558 SONIX-SNC558_05 Datasheet
414Kb / 11P
   Two Channel Direct Drive Speech Controller
SNC572 SONIX-SNC572_05 Datasheet
418Kb / 11P
   Two Channel Direct Drive Speech Controller
SNC588 SONIX-SNC588 Datasheet
420Kb / 11P
   Two Channel Direct Drive Speech Controller?
SNC5A4 SONIX-SNC5A4 Datasheet
403Kb / 11P
   Two Channel Direct Drive Speech Controller?
SNC562 SONIX-SNC562 Datasheet
430Kb / 11P
   Two Channel Direct Drive Speech Controller?
SNC573 SONIX-SNC573 Datasheet
424Kb / 12P
   Two Channel Direct Drive Speech Controller?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com