Electronic Components Datasheet Search |
|
PTH12000WAS Datasheet(PDF) 9 Page - Texas Instruments |
|
|
PTH12000WAS Datasheet(HTML) 9 Page - Texas Instruments |
9 / 19 page Application Notes For technical support and further information visit http://power.ti.com Adjusting the Output Voltage of the PTH12000x Wide-Output Adjust Power Modules The Vo Adjust control (pin 4) sets the output voltage of the PTH12000 product. The adjustment range is from 1.2 V to 5.5 V for the W-suffix modules, and 0.8 V to 1.8 V for L-suffix modules. The adjustment method requires the addition of a single external resistor, Rset, that must be connected directly between the Vo Adjust and GND pins 1. Table 2-1 gives the preferred value of the external resistor for a number of standard voltages, along with the actual output voltage that this resistance value provides. Figure 2-1 shows the placement of the required resistor. Figure 2-1; Vo Adjust Resistor Placement Notes: 1. A 0.05-W rated resistor may be used. The tolerance should be 1 %, with a temperature stability of 100 ppm/°C or better. Place the resistor as close to the regulator as possible. Connect the resistor directly between pins 4 and 1 using dedicated PCB traces. 2. Never connect capacitors from Vo Adjust to either GND or Vout. Any capacitance added to the Vo Adjust pin will affect the stability of the regulator. PTH12000W PTH12000L Vout (Req’d) Rset Vout (Actual) Rset Vout (Actual) 5 V 280 Ω 5.009 V N/A N/A 3.3 V 2.0 k Ω 3.294 V N/A N/A 2.5 V 4.32 k Ω 2.503 V N/A N/A 2 V 8.06 k Ω 2.010 V N/A N/A 1.8 V 11.5 k Ω 1.801 V 130 Ω 1.800 V 1.5 V 24.3 k Ω 1.506 V 3.57 k Ω 1.499 V 1.2 V Open 1.200 V 12.1 k Ω 1.201 V 1.1 V N/A N/A 18.7 k Ω 1.101 V 1.0 V N/A N/A 32.4 k Ω 0.999 V 0.9 V N/A N/A 71.5 k Ω 0.901 V 0.8 V N/A N/A Open 0.800 V Table 2-1; Preferred Values of Rset for Standard Output Voltages PTH12000 Series PTH12000x VIN 1 4 5 2 3 CIN 100µF (Required) COUT 100µF (Optional) Inhibit GND GND VOUT RSET, 1 % VO Adj GND Inhibit VIN VO For other output voltages the value of the required resistor can either be calculated, or simply selected from the range of values given in Table 2-3. The following formula may be used for calculating the adjust resistor value. Select the appropriate value for the parameters, Rs and Vmin, from Table 2.2. Rset = 10 k Ω · 0.8 V – Rs k Ω Vout – Vmin Table 2.2; Adjust Formula Parameters Pt. No. PTH12000W PTH12000L Vmin 1.2 V 0.8 V Vmax 5.5 V 1.8 V Rs 1.82 k Ω 7.87 k Ω |
Similar Part No. - PTH12000WAS |
|
Similar Description - PTH12000WAS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |