Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBP35VBA120-50 Datasheet(PDF) 5 Page - Fuji Electric

Part # 6MBP35VBA120-50
Description  IGBT MODULE (V series) 1200V / 35A / IPM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP35VBA120-50 Datasheet(HTML) 5 Page - Fuji Electric

  6MBP35VBA120-50 Datasheet HTML 1Page - Fuji Electric 6MBP35VBA120-50 Datasheet HTML 2Page - Fuji Electric 6MBP35VBA120-50 Datasheet HTML 3Page - Fuji Electric 6MBP35VBA120-50 Datasheet HTML 4Page - Fuji Electric 6MBP35VBA120-50 Datasheet HTML 5Page - Fuji Electric 6MBP35VBA120-50 Datasheet HTML 6Page - Fuji Electric 6MBP35VBA120-50 Datasheet HTML 7Page - Fuji Electric 6MBP35VBA120-50 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4
5
IGBT Modules
6MBP35VBA120-50
http://www.fujielectric.com/products/semiconductor/
Collector current vs. collector-Emitter voltage
Tj=25ºC [Chip] (typ.)
Collector-Emitter voltage : VCE [V]
60
50
40
30
20
10
0
60
50
40
30
20
10
0
60
50
40
30
20
10
0
Collector current vs. collector-Emitter voltage
Tj=125ºC [Chip] (typ.)
Collector-Emitter voltage : VCE [V]
Forward current vs. Forward voltage
[Chip] (typ.)
Forward voltage : VF [V]
Collector current vs. collector-Emitter voltage
Tj=25ºC [Terminal] (typ.)
Collector-Emitter voltage : VCE [V]
Collector current vs. collector-Emitter voltage
Tj=125ºC [Terminal] (typ.)
Forward current vs. Forward voltage
[Terminal] (typ.)
Forward voltage : VF [V]
Vcc=17V
Vcc=15V
0
0.5
1
1.5
2
2.5
3
Vcc=17V
Vcc=15V
Vcc=13V
Vcc=13V
0
0.5
1
1.5
2
2.5
3
Vcc=17V
Vcc=15V
Vcc=13V
0
0.5
1
1.5
2
2.5
3
Collector-Emitter voltage : VCE [V]
0
0.5
1
1.5
2
2.5
3
60
50
40
30
20
10
0
60
50
40
30
20
10
0
Tj=25ºC
Tj=125ºC
0
0.5
1
1.5
2
2.5
3
60
50
40
30
20
10
0
0
0.5
1
1.5
2
2.5
3
Vcc=17V
Vcc=15V
Vcc=13V
Tj=25ºC
Tj=125ºC


Similar Part No. - 6MBP35VBA120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP35VDA120-50 FUJI-6MBP35VDA120-50 Datasheet
586Kb / 8P
   IGBT MODULE (V series) 1200V / 35A / IPM
More results

Similar Description - 6MBP35VBA120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP35VDA120-50 FUJI-6MBP35VDA120-50 Datasheet
586Kb / 8P
   IGBT MODULE (V series) 1200V / 35A / IPM
7MBP35VDA120-50 FUJI-7MBP35VDA120-50 Datasheet
693Kb / 11P
   IGBT MODULE (V series) 1200V / 35A / IPM
6MBP25VBA120-50 FUJI-6MBP25VBA120-50 Datasheet
871Kb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBP25VDA120-50 FUJI-6MBP25VDA120-50 Datasheet
589Kb / 8P
   IGBT MODULE (V series) 1200V / 25A / IPM
6MBP100VEA120-50 FUJI-6MBP100VEA120-50 Datasheet
592Kb / 8P
   IGBT MODULE (V series) 1200V / 100A / IPM
6MBP10VAA120-50 FUJI-6MBP10VAA120-50 Datasheet
1Mb / 8P
   IGBT MODULE (V series) 1200V / 10A / IPM
6MBP100VDA120-50 FUJI-6MBP100VDA120-50 Datasheet
612Kb / 8P
   IGBT MODULE (V series) 1200V / 100A / IPM
6MBP200VEA120-50 FUJI-6MBP200VEA120-50 Datasheet
627Kb / 8P
   IGBT MODULE (V series) 1200V / 200A / IPM
6MBP75VDA120-50 FUJI-6MBP75VDA120-50 Datasheet
590Kb / 8P
   IGBT MODULE (V series) 1200V / 75A / IPM
7MBP100VDA120-50 FUJI-7MBP100VDA120-50 Datasheet
690Kb / 11P
   IGBT MODULE (V series) 1200V / 100A / IPM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com