Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12000WAZT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12000WAZT
Description  6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12000WAZT Datasheet(HTML) 2 Page - Texas Instruments

  PTH12000WAZT Datasheet HTML 1Page - Texas Instruments PTH12000WAZT Datasheet HTML 2Page - Texas Instruments PTH12000WAZT Datasheet HTML 3Page - Texas Instruments PTH12000WAZT Datasheet HTML 4Page - Texas Instruments PTH12000WAZT Datasheet HTML 5Page - Texas Instruments PTH12000WAZT Datasheet HTML 6Page - Texas Instruments PTH12000WAZT Datasheet HTML 7Page - Texas Instruments PTH12000WAZT Datasheet HTML 8Page - Texas Instruments PTH12000WAZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
For technical support and further information visit http://power.ti.com
Pin Descriptions
Vin:
The positive input voltage power node to the mod-
ule, which is referenced to common GND.
Vout:
The regulated positive power output with respect
to the GND node.
GND:
This is the common ground connection for the
‘Vin’ and ‘Vout’ power connections. It is also the 0 VDC
reference for the ‘Inhibit’ and ‘Vo Adjust’ control inputs.
Inhibit:
The Inhibit pin is an open-collector/drain negative
logic input that is referenced to GND. Applying a low-
level ground signal to this input disables the module’s
output and turns off the output voltage. When the Inhibit
control is active, the input current drawn by the regulator
is significantly reduced. If the Inhibit pin is left open-
circuit, the module will produce an output whenever a
valid input source is applied.
Vo Adjust:
A 1-% resistor must be connected between this
pin and GND (pin 1) to set the output voltage of the
module higher than its lowest value. The temperature
stability of the resistor should be 100 ppm/°C (or better).
The set-point range is 1.2 V to 5.5 V for W-suffix devices,
and 0.8 V to 1.8 V for L-suffix devices. The resistor value
required for a given output voltage may be calculated
using a formula. If left open circuit, the output voltage
will default to its lowest value. For further information
on output voltage adjustment consult the related applica-
tion note.
The specification tables also give the preferred resistor
values for a number of standard output voltages.
Ordering Information
Package Options (PTH12000xrr) (1)
Code
Description
Pkg Ref. (2)
AH
Horiz. T/H
(EUS)
AS
SMD, Standard (3)
(EUT)
Output Voltage (PTH12000rxx)
Code
Voltage
W
1.2 V – 5.5 V
(Adjust)
L
0.8 V – 1.8 V
(Adjust)
Notes:
(1) Add “T” to end of part number for tape and reel on SMD packages only.
(2) Reference the applicable package reference drawing for the dimensions and PC board layout
(3) “Standard” option specifies 63/37, Sn/Pb pin solder material.
6-A, 12-V Input Non-Isolated
Wide-Output Adjust Power Module
SLTS202E– MAY 2003 – REVISED NOVENBER 2007
PTH12000W/L — 12-V Input
Environmental & Absolute Maximum Ratings (Voltages are with respect to GND)
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Operating Temperature Range
Ta
Over Vin Range
–40 (i)
+85
°C
Solder Reflow Temperature(AS)
Treflow
Surface temperature of module body or pins
235(ii)
°C
Solder Reflow Temperature(AZ)
Treflow
Surface temperature of module body or pins
260 (ii)
°C
WaveSolderTemperature(AH/AD)
TWave
Surface temperature of module body or pins(5 seconds)
260 (ii)
°C
Storage Temperature
Ts
–55
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G
1 msec, ½ sine, mounted
Mechanical Vibration
Mil-STD-883D, Method 2007.2
—15
G
20-2000 Hz
Weight
2
grams
Flammability
Meets UL 94V-O
Notes:
(i) For operation below 0 °C the external capacitors must have stable characteristics. Use either a low ESR tantalum, Oscon, or ceramic capacitor.
(ii) During soldering of package version do not elevate peak temperature of the module, pins or internal components above the stated maximum.


Similar Part No. - PTH12000WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12000WAZT TI-PTH12000WAZT Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
More results

Similar Description - PTH12000WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
[Old version datasheet]   6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com