Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V85MLA1210N Datasheet(PDF) 1 Page - Littelfuse

Part # V85MLA1210N
Description  MLA Varistor Seriesv
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V85MLA1210N Datasheet(HTML) 1 Page - Littelfuse

  V85MLA1210N Datasheet HTML 1Page - Littelfuse V85MLA1210N Datasheet HTML 2Page - Littelfuse V85MLA1210N Datasheet HTML 3Page - Littelfuse V85MLA1210N Datasheet HTML 4Page - Littelfuse V85MLA1210N Datasheet HTML 5Page - Littelfuse V85MLA1210N Datasheet HTML 6Page - Littelfuse V85MLA1210N Datasheet HTML 7Page - Littelfuse V85MLA1210N Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Varistor Products
©2011 Littelfuse, Inc.
Revision: November 30, 2011
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
MLA Varistor Series
RoHS
Description
The MLA Series (also known as "ML" series) family of
transient voltage surge suppression devices is based on
the Littelfuse Multilayer fabrication technology. These
components are designed to suppress a variety of
transient events, including those specified in IEC 61000-4-2
or other standards used for Electromagnetic Compliance
(EMC). The MLA Series is typically applied to protect
integrated circuits and other components at the circuit
board level.
The wide operating voltage and energy range make the
MLA Series suitable for numerous applications on power
supply, control and signal lines.
The MLA Series is manufactured from semiconducting
ceramics, and is supplied in a leadless, surface mount
package. The MLA Series is compatible with modern
reflow and wave soldering procedures.
It can operate over a wider temperature range than Zener
diodes, and has a much smaller footprint than plastic-
housed components.
Littelfuse Inc. manufactures other multilayer series
products. See the MLE Series data sheet for ESD
applications, MHS Series data sheet for high-speed ESD
applications, the MLN Series for multiline protection and
the AUML Series for automotive applications.
Features
RoHS compliant
0805, 1206 and
1210 chip sizes
construction technology
operating temp. range
V
M(DC) = 5.5V to 120V
current (8 x 20
μs)
(10 x 1000
μs)
clamping
types available
Applications
switching or other
transient events such as
EFT and surge voltage at
the circuit board level
61000-4-2, MIL-STD-
and other industry
specifications (see also
the MLE or MLN Series)
transient voltage
protection for ICS
and transistors
electromagnetic
compliance of
end products
mount TVS Zeners in
many applications
Size Table
Metric
EIA
1005
0402
1608
2012
0805
1206
1210
Absolute Maximum Ratings
For ratings of individual members of a series, see device ratings and specifications table.
Continuous
ML Series
Units
Steady State Applied Voltage:
DC Voltage Range (V
M(DC))
V
AC Voltage Range (V
M(AC)RMS)
V
Transient:
Non-Repetitive Surge Current, 8/20
μs Waveform, (I
TM)
4 to 500
A
Non-Repetitive Surge Energy, 10/1000
μs Waveform, (W
TM)
0.02 to 2.5
J
A)
ºC
Storage Temperature Range (T
STG)
ºC
Temperature Coefficient ( V) of Clamping Voltage (V
C) at
Specified Test Current
<0.01
%/º C


Similar Part No. - V85MLA1210N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V85MLA1210N LITTELFUSE-V85MLA1210N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V85MLA1210N LITTELFUSE-V85MLA1210N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V85MLA1210N LITTELFUSE-V85MLA1210N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V85MLA1210N LITTELFUSE-V85MLA1210N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V85MLA1210N LITTELFUSE-V85MLA1210N Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
More results

Similar Description - V85MLA1210N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V30MLA1210NH LITTELFUSE-V30MLA1210NH Datasheet
875Kb / 8P
   MLA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V3.5MLA0603NHAUTO LITTELFUSE-V3.5MLA0603NHAUTO Datasheet
729Kb / 8P
   MLA Automotive Varistor Series
logo
Bourns Electronic Solut...
CG0402MLA-5.5MG BOURNS-CG0402MLA-5.5MG Datasheet
272Kb / 4P
   MLA Series Varistor ESD Clamp Protectors
CG0402MLA-14KG BOURNS-CG0402MLA-14KG_12 Datasheet
197Kb / 4P
   ChipGuard MLA Series Varistor ESD Clamp Protectors
CGA0603MLA-16150E BOURNS-CGA0603MLA-16150E Datasheet
673Kb / 3P
   Automotive MLA Series Varistor ESD Clamp Protectors
logo
Littelfuse
V14MLA0603NR LITTELFUSE-V14MLA0603NR Datasheet
380Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V55MLA0402LNR LITTELFUSE-V55MLA0402LNR Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1210NT LITTELFUSE-V18MLA1210NT Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com