Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG711-25 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # REG711-25
Description  50mA SWITCHED-CAP DC/DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG711-25 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REG711-25 Datasheet HTML 5Page - Texas Instruments REG711-25 Datasheet HTML 6Page - Texas Instruments REG711-25 Datasheet HTML 7Page - Texas Instruments REG711-25 Datasheet HTML 8Page - Texas Instruments REG711-25 Datasheet HTML 9Page - Texas Instruments REG711-25 Datasheet HTML 10Page - Texas Instruments REG711-25 Datasheet HTML 11Page - Texas Instruments REG711-25 Datasheet HTML 12Page - Texas Instruments REG711-25 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
16-Aug-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
REG711EA-2.5/250
ACTIVE
VSSOP
DGK
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-2.5/250G4
ACTIVE
VSSOP
DGK
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-2.5/2K5
ACTIVE
VSSOP
DGK
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-2.5/2K5G4
ACTIVE
VSSOP
DGK
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-3.3/250
ACTIVE
VSSOP
DGK
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-3.3/250G4
ACTIVE
VSSOP
DGK
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-3/250
ACTIVE
VSSOP
DGK
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-3/250G4
ACTIVE
VSSOP
DGK
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-3/2K5
ACTIVE
VSSOP
DGK
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-3/2K5G4
ACTIVE
VSSOP
DGK
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-5/250
ACTIVE
VSSOP
DGK
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-5/250G4
ACTIVE
VSSOP
DGK
8
250
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-5/2K5
ACTIVE
VSSOP
DGK
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
REG711EA-5/2K5G4
ACTIVE
VSSOP
DGK
8
2500
Green (RoHS
& no Sb/Br)
CU NIPDAUAGLevel-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.


Similar Part No. - REG711-25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG711-3 TI1-REG711-3 Datasheet
737Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711-33 TI1-REG711-33 Datasheet
737Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711-5 TI1-REG711-5 Datasheet
737Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
More results

Similar Description - REG711-25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG711 TI1-REG711_16 Datasheet
737Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711 TI-REG711 Datasheet
181Kb / 10P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
   SWITCHED CAPACITOR DC-DC CONVERTER
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Texas Instruments
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com