Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV14RP320M Datasheet(PDF) 8 Page - Littelfuse

Part # TMOV14RP320M
Description  TMOV짰 and i TMOV짰 Varistor Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV14RP320M Datasheet(HTML) 8 Page - Littelfuse

  TMOV14RP320M Datasheet HTML 1Page - Littelfuse TMOV14RP320M Datasheet HTML 2Page - Littelfuse TMOV14RP320M Datasheet HTML 3Page - Littelfuse TMOV14RP320M Datasheet HTML 4Page - Littelfuse TMOV14RP320M Datasheet HTML 5Page - Littelfuse TMOV14RP320M Datasheet HTML 6Page - Littelfuse TMOV14RP320M Datasheet HTML 7Page - Littelfuse TMOV14RP320M Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Varistor Products
©2011 Littelfuse, Inc.
Revision: September 25, 2011
TMOV® and i TMOV® Varistor Series
Radial Lead Varistors > TMOV® and iTMOV® Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
Part Numbering System
TMOV20R
E
150
DEVICE FAMILY
Littelfuse Thermally Protected MOV
DISC DIAMETER (mm)
14 or 20mm
CERAMIC SHAPE
R: Round
SERIES DESIGNATOR
E: TMOV (2-Leaded, without indicator lead)
M: iTMOV (3-Leaded, with indicator lead option)
VM(AC)RMS
115V to 750V
XXXXX
NON-STANDARD LEAD FORM, PACKAGING
and LEAD SPACING OPTIONS1:
L2B7: Lead Form: Crimped and In-Line2 Leads
Packaging: Bulk Pack
Lead Spacing3: 7.5mm
L2T7: Lead Form: Crimped and In-Line2 Leads
Packaging: Tape and Reel4
Lead Spacing3: 7.5mm
Other non-standard options may be available -
please contact Littelfuse.
Base Part Codes
(See ratings & specifications tables and notes below)
Option Codes1
(See below)
P
LEAD-FREE/RoHS
COMPLIANT INDICATOR
NOTES:
1 Use Base Part Code only to receive standard product:
Lead Form: Straight Leads. Devices greater than 420Vrms are provided In-Line2.
Packaging: Bulk Pack
Lead Spacing: 7.5mm +/-1.0mm
2 “In-Line” refers to straight row of leads at the tip where product is to contact the circuit board.
Refer to “e1” in Device Dimensions section.
3 Lead Spacing refers to span between leads as “e” dimension in Device Dimensions section.
4 Due to device bulk, tape and reel packaging option is available only for devices up to 420Vrms
Pack Quantities
Rated
Voltage
Pack Quantities
Bulk Pack
Tape and Reel
Model Size
Model Size
14mm
20mm
14mm
20mm
115-250
600
400
500
400
275-550
500
300
400
300
575-750
400
200
n/a
n/a
NOTE:TapeandReelavailableupto420Vonly-pleasecontactfactoryregardingavailability
ofhighervoltageparts.


Similar Part No. - TMOV14RP320M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115M LITTELFUSE-TMOV14R115M Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115M LITTELFUSE-TMOV14R115M Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
More results

Similar Description - TMOV14RP320M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV LITTELFUSE-TMOV Datasheet
1,021Kb / 8P
   The Littelfuse TMOV짰 and iTMOV짰 thermally protected
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com