Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG71055DDCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REG71055DDCT
Description  60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG71055DDCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button REG71055DDCT Datasheet HTML 6Page - Texas Instruments REG71055DDCT Datasheet HTML 7Page - Texas Instruments REG71055DDCT Datasheet HTML 8Page - Texas Instruments REG71055DDCT Datasheet HTML 9Page - Texas Instruments REG71055DDCT Datasheet HTML 10Page - Texas Instruments REG71055DDCT Datasheet HTML 11Page - Texas Instruments REG71055DDCT Datasheet HTML 12Page - Texas Instruments REG71055DDCT Datasheet HTML 13Page - Texas Instruments REG71055DDCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
EFFICIENCY
LAYOUT
Efficiency(%)=V
/(2
V )
100
(step-upoperatingmode)
or
(step-downoperatingmode)
OUT
IN
´
´
V
V
OUT
IN
´ 100
V
ENABLE
V
IN
C
IN
GND
C
P
V
OUT
C
OUT
AREA:<0.08sq.inches
REG710
SBAS221G – DECEMBER 2001 – REVISED JANUARY 2009........................................................................................................................................... www.ti.com
The efficiency of the charge pump regulator varies
Large transient currents flow in the VIN, VOUT, and
with the output voltage version, the applied input
GND traces. To minimize both input and output
voltage, the load current, and the internal operation
ripple, keep the capacitors as close as possible to the
mode of the device.
regulator using short, direct circuit traces.
The approximate efficiency is given by:
A suggested printed circuit board (PCB) routing is
shown in Figure 21. The trace lengths from the input
and output capacitors have been kept as short as
possible.
Table 2 lists the approximate values of the input
voltage
at
which
the
device
changes
internal
operating mode. See efficiency curves in the Typical
Characteristics section for various loads and input
voltages.
Figure 21. Suggested PCB Design for Minimum
Ripple
Table 2. Operating Mode Change versus VIN
OPERATING MODE
PRODUCT
CHANGES AT VIN OF
REG710-2.5
> 3.2V
REG710-2.7
> 3.4V
REG710-3
> 3.7V
REG710-3.3
> 4.0V
REG710-5, REG71050,
Step-up only
REG71055
10
Submit Documentation Feedback
Copyright © 2001–2009, Texas Instruments Incorporated
Product Folder Link(s): REG710


Similar Part No. - REG71055DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG71055DDCT TI-REG71055DDCT Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG71055DDCT BURR-BROWN-REG71055DDCT Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
Texas Instruments
REG71055DDCT TI-REG71055DDCT Datasheet
777Kb / 22P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG71055DDCT TI1-REG71055DDCT Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Burr-Brown (TI)
REG71055DDCTG4 BURR-BROWN-REG71055DDCTG4 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
More results

Similar Description - REG71055DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG710 TI-REG710_1 Datasheet
777Kb / 22P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG710 TI-REG710_08 Datasheet
781Kb / 22P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Maxim Integrated Produc...
MAX1759 MAXIM-MAX1759 Datasheet
191Kb / 12P
   Buck/Boost Regulating Charge Pump in uMAX
Rev 0; 1/00
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
LTC1983-3 LINER-LTC1983-3 Datasheet
185Kb / 12P
   100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
LTC1983-5 LINER-LTC1983-5_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com