Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG101UA-2.8 Datasheet(PDF) 9 Page - Texas Instruments

Part # REG101UA-2.8
Description  100mA Low-Dropout Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG101UA-2.8 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REG101UA-2.8 Datasheet HTML 5Page - Texas Instruments REG101UA-2.8 Datasheet HTML 6Page - Texas Instruments REG101UA-2.8 Datasheet HTML 7Page - Texas Instruments REG101UA-2.8 Datasheet HTML 8Page - Texas Instruments REG101UA-2.8 Datasheet HTML 9Page - Texas Instruments REG101UA-2.8 Datasheet HTML 10Page - Texas Instruments REG101UA-2.8 Datasheet HTML 11Page - Texas Instruments REG101UA-2.8 Datasheet HTML 12Page - Texas Instruments REG101UA-2.8 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
REG101
9
SBVS026D
BASIC OPERATION
The REG101 series of LDO (Low Drop-Out) linear regula-
tors offers a wide selection of fixed output voltage versions
and an adjustable output version. The REG101 belongs to a
family of new generation LDO regulators that utilize a
DMOS pass transistor to achieve ultra-low dropout perfor-
mance and freedom from output capacitor constraints. Ground
pin current remains under 650
µA over all line, load, and
temperature conditions. All versions have thermal and over-
current protection, including foldback current limit.
The REG101 does not require an output capacitor for regu-
lator stability and is stable over most output currents and
with almost any value and type of output capacitor up to
10
µF or more. For applications where the regulator output
current drops below several milliamps, stability can be
enhanced by: adding a 1k
Ω to 2kΩ load resistor; using
capacitance values less than 10
µF; or keeping the effective
series resistance greater than 0.05
Ω including the capacitor’s
ESR and parasitic resistance in printed circuit board traces,
solder joints, and sockets.
Although an input capacitor is not required, it is good analog
design practice to connect a 0.1
µF low ESR capacitor across
FIGURE 1. Fixed Voltage Nominal Circuit for REG101.
REG101
Enable
V
OUT
C
OUT
V
IN
0.1
µF
C
NR
0.01
µF
Gnd
NR
In
Out
Optional
the input supply voltage. This is recommended to improve
ripple rejection by reducing input voltage ripple.
Figure 1 shows the basic circuit connections for the fixed
voltage models. Figure 2 gives the connections for the
adjustable output version (REG101A) and example resistor
values for some commonly used output voltages. Values for
other voltages can be calculated from the equation shown in
Figure 2.
INTERNAL CURRENT LIMIT
The REG101 internal current limit has a typical value of
170mA. A foldback feature limits the short-circuit current to
a typical short-circuit value of 60mA. This helps to protect
the regulator from damage under all load conditions. A
characteristic of VOUT versus IOUT is given in Figure 3 and
in the Typical Characteristics section.
FIGURE 2. Adjustable Voltage Circuit for REG101A.
FIGURE 3. Foldback Current Limit of the REG101-3.3 at
25
°C.
040
20
140
160
80
100
120
60
180
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Output Current (mA)
FOLDBACK CURRENT LIMIT
I
CL
I
CL
REG101-3.3
V
OUT = (1 + R1/R2) • 1.267V
Pin numbers for SOT23 package.
REG101
V
IN
0.1
µF
2
1
Gnd
V
OUT
R
1
C
FB
0.01
µF
C
OUT
Adj
R
2
I
ADJ
Load
5
4
3
Enable
To reduce current through divider, increase resistor
values (see table at right).
As the impedance of the resistor divider increases,
I
ADJ (~200nA) may introduce an error.
C
FB improves noise and transient response.
Optional
V
OUT (V)
R
1 (W)
(1)
R
2 (Ω)
(1)
2.5
11.3k
11.5k
1.13k
1.15k
3.0
15.8k
11.5k
1.58k
1.15k
3.3
18.7k
11.5k
1.87k
1.15k
5.0
34.0k
11.5k
3.40k
1.15k
NOTE: (1) Resistors are standard 1% values.
EXAMPLE RESISTOR VALUES


Similar Part No. - REG101UA-2.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG101UA-2.8 TI-REG101UA-2.8 Datasheet
277Kb / 13P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101UA-2.8 TI-REG101UA-2.8 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101UA-2.8/250 TI-REG101UA-2.8/250 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101UA-2.8/250G4 TI-REG101UA-2.8/250G4 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101UA-2.8/2K5 TI-REG101UA-2.8/2K5 Datasheet
277Kb / 13P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
More results

Similar Description - REG101UA-2.8

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200_05 Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG101 TI-REG101_05 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
   Dual 100mA Low-Dropout Regulator
MIC5202 MICREL-MIC5202_13 Datasheet
1Mb / 10P
   Dual, 100mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com