Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R60J106M Datasheet(PDF) 10 Page - Texas Instruments

Part # GRM188R60J106M
Description  3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GRM188R60J106M Datasheet(HTML) 10 Page - Texas Instruments

Back Button GRM188R60J106M Datasheet HTML 6Page - Texas Instruments GRM188R60J106M Datasheet HTML 7Page - Texas Instruments GRM188R60J106M Datasheet HTML 8Page - Texas Instruments GRM188R60J106M Datasheet HTML 9Page - Texas Instruments GRM188R60J106M Datasheet HTML 10Page - Texas Instruments GRM188R60J106M Datasheet HTML 11Page - Texas Instruments GRM188R60J106M Datasheet HTML 12Page - Texas Instruments GRM188R60J106M Datasheet HTML 13Page - Texas Instruments GRM188R60J106M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
T =85°C
J
T =-40°C
J
T =25°C
J
0
100
200
300
400
500
600
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
V
=3.3V
O
V
=1.8V
O
V
=1.2V
O
TimeBase-100ns/Div
I
500mA/Div
COIL
SW2V/Div
V
50mV/Div
OUT
V
=3.6V
V
=1.8V
I
=500mA
IN
OUT
OUT
MODE=GND
L =1.2
H
C
=10
F
m
m
OUT
TimeBase-4ms/Div
I
200mA/Div
COIL
SW2V/Div
V
50mV/Div
OUT
V
=3.6V
V
=1.8V
I
=20mA
IN
OUT
OUT
MODE=GND
L =1.2
H
C
=10
F
m
m
OUT
TLV62065-Q1
SLVSB92A – JANUARY 2012 – REVISED MARCH 2012
www.ti.com
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
RDISCHARGE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 11. High-Side Switch
Figure 12.
Figure 13. Typical Operation (PWM Mode)
Figure 14. Typical Operation (PFM Mode)
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TLV62065-Q1


Similar Part No. - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM188R60J106M MURATA-GRM188R60J106M Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 10關F 6.3V
logo
Texas Instruments
GRM188R60J106M TI-GRM188R60J106M Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
GRM188R60J106M TI1-GRM188R60J106M Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - GRM188R60J106M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com