Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320C6201GJCA20EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SM320C6201GJCA20EP
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6201GJCA20EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM320C6201GJCA20EP Datasheet HTML 7Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 8Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 9Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 10Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 11Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 12Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 13Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 14Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
SM320C6201-EP
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SGUS041A -- MAY 2003 -- REVISED JANUARY 2004
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
Signal Descriptions (Continued)
SIGNAL
PIN NO.
TYPE
DESCRIPTION
SIGNAL
NAME
GJC
TYPE
DESCRIPTION
EMIF -- CONTROL SIGNALS COMMON TO ALL TYPES OF MEMORY
CE3
AE22
CE2
AD26
O/Z
Memory space enables
• Enabled by bits 24 and 25 of the word address
CE1
AB24
O/Z
• Enabled by bits 24 and 25 of the word address
• Only one asserted during any external data access
CE0
AC26
• Only one asserted during any external data access
BE3
AB25
Byte-enable control
BE2
AA24
O/Z
Byte-enable control
• Decoded from the two lowest bits of the internal address
BE1
Y23
O/Z
• Decoded from the two lowest bits of the internal address
• Byte-write enables for most types of memory
C
b di
tl
t d t SDRAM
d
d
it
k i
l (SDQM)
BE0
AA26
y
yp
y
• Can be directly connected to SDRAM read and write mask signal (SDQM)
EMIF -- ADDRESS
EA21
J26
EA20
K25
EA19
L24
EA18
K26
EA17
M26
EA16
M25
EA15
P25
EA14
P24
EA13
R25
EA12
T26
O/Z
External address (word address)
EA11
R23
O/Z
External address (word address)
EA10
U26
EA9
U25
EA8
T23
EA7
V26
EA6
V25
EA5
W26
EA4
V24
EA3
W25
EA2
Y26
I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground


Similar Part No. - SM320C6201GJCA20EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6201GLE TI-SM320C6201GLE Datasheet
1Mb / 73P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C6201GLP TI-SM320C6201GLP Datasheet
1Mb / 73P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - SM320C6201GJCA20EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com