Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS261BPAG Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS261BPAG
Description  TWO-PORT HDMI SWITCH
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS261BPAG Datasheet(HTML) 1 Page - Texas Instruments

  TMDS261BPAG Datasheet HTML 1Page - Texas Instruments TMDS261BPAG Datasheet HTML 2Page - Texas Instruments TMDS261BPAG Datasheet HTML 3Page - Texas Instruments TMDS261BPAG Datasheet HTML 4Page - Texas Instruments TMDS261BPAG Datasheet HTML 5Page - Texas Instruments TMDS261BPAG Datasheet HTML 6Page - Texas Instruments TMDS261BPAG Datasheet HTML 7Page - Texas Instruments TMDS261BPAG Datasheet HTML 8Page - Texas Instruments TMDS261BPAG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Digital TV
Game
Machine
DVDPlayerorDVR
TMD
S261
BRTNTV1
169PALplus
M0124-02
TMDS261B
www.ti.com
SLLS987A
– SEPTEMBER 2009 – REVISED JULY 2011
Two-Port HDMI Switch
Check for Samples: TMDS261B
3.3-Volt Power Supply
1
FEATURES
Temperature Range: 0
°C to 70°C
2
2:1 Sink-side switch Supporting DVI Above
64-Pin TQFP Package: Pin-Compatible With
1920
× 1200 and HDMI HDTV Resolutions up to
TMDS251
1080p With 16-Bit Color Depth
Robust TMDS Receive Stage That Can Work
Designed for Signaling Rates up to 3 Gbps
With Non-Compliant Input Common-Mode
Supports HDMI 1.3a Specification
HDMI Signal
Adaptive Equalization on inputs to support up
to 20-m HDMI Cable at 2.25 Gbps for 1080p
APPLICATIONS
12-Bit Color Depth
High-Definition Digital TV
TMDS Input Clock-Detect Circuit
– LCD
DDC Repeater Function
– Plasma
<2-mW Low-Power Mode
– DLP®
Local I2C or GPIO Configurable
Enhanced ESD. HBM: 10 kV on All Input
TMDS, DDC I2C, HPD Pins
DESCRIPTION
The TMDS261B is a two-port digital video interface (DVI) or high-definition multimedia interface (HDMI) switch
that allows up to two DVI or HDMI ports to be switched to a single display terminal. Four TMDS channels, one
hot-plug detector, and a digital display control (DDC) interface are supported on each port. Each TMDS channel
supports signaling rates up to 3 Gbps to allow 1080p resolution in 16-bit color depth. TMDS261B device is not
intended for source side applications such as external switch boxes
The TMDS261B provides an adaptive equalizer for different ranges of cable lengths. The equalizer automatically
compensates for intersymbol interference [ISI] loss of an HDMI/DVI cable for up to 20 dB at 3 Gbps (see
Figure 15).
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMDS261BPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS261 TI-TMDS261 Datasheet
2Mb / 42P
[Old version datasheet]   1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
TMDS261PAG TI-TMDS261PAG Datasheet
2Mb / 42P
[Old version datasheet]   1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
TMDS261PAGR TI-TMDS261PAGR Datasheet
2Mb / 42P
[Old version datasheet]   1080p - Deep Color 2-to-1 HDMI/DVI Switch With Adaptive Equalization
More results

Similar Description - TMDS261BPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS361B TI1-TMDS361B Datasheet
11Mb / 48P
[Old version datasheet]   Three-Port HDMI Switch
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
   4-Port HDMI Signal Switch with Control
logo
Level One
KVM-0290 LVL1-KVM-0290 Datasheet
566Kb / 3P
   2-Port Cable KVM Switch, HDMI, USB
logo
STMicroelectronics
B5S16861 STMICROELECTRONICS-B5S16861 Datasheet
189Kb / 10P
   20-BIT TWO PORT BUS SWITCH
logo
IOGEAR
GHDSW4K4 IOGEAR-GHDSW4K4 Datasheet
161Kb / 3P
   4K 4-Port HDMI Switch with Remote
logo
Fairchild Semiconductor
FSA3000 FAIRCHILD-FSA3000 Datasheet
1Mb / 11P
   Two-Port, High-Speed, MHL??Switch
logo
ON Semiconductor
FSA3000 ONSEMI-FSA3000 Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
FSA3200 ONSEMI-FSA3200 Datasheet
405Kb / 13P
   Two-Port, High-Speed USB2.0 Switch
November-2017, Rev. 2
logo
IOGEAR
GHSW8431 IOGEAR-GHSW8431 Datasheet
168Kb / 2P
   3-Port True 4K Switch with HDMI Connection
logo
Microchip Technology
KSZ8842-PMQL MICROCHIP-KSZ8842-PMQL Datasheet
2Mb / 126P
   Two-Port Ethernet Switch with PCI Interface
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com