Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS361B Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361B
Description  Three-Port HDMI Switch
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS361B Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMDS361B Datasheet HTML 4Page - Texas Instruments TMDS361B Datasheet HTML 5Page - Texas Instruments TMDS361B Datasheet HTML 6Page - Texas Instruments TMDS361B Datasheet HTML 7Page - Texas Instruments TMDS361B Datasheet HTML 8Page - Texas Instruments TMDS361B Datasheet HTML 9Page - Texas Instruments TMDS361B Datasheet HTML 10Page - Texas Instruments TMDS361B Datasheet HTML 11Page - Texas Instruments TMDS361B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
TMDS361B
SLLS988A
– SEPTEMBER 2009 – REVISED JULY 2011
www.ti.com
Table 2. Control-Pin Lookup Table(1)
SIGNAL
LEVEL
STATE
DESCRIPTION
Normal operational mode for device. If LP is left floating, then a weak internal pullup to VCC
H
Normal mode
pulls it to VCC.
LP
Low-power
Device is forced into a low-power state, causing the inputs and outputs to go to a
L
mode
high-impedance state. All other inputs are ignored.
S2
S1
H
H
Port 1
Port 1 is selected as the active port; all other ports are low.
S[2:1]
H
L
Port 2
Port 2 is selected as the active port; all other ports are low.
GPIO
L
L
Port 3
Port 3 is selected as the active port; all other ports are low.
mode
HPD[1:3] follow
L
H
Standby mode: HPD[1:3] follow HPD_sink.
HPD_SINK
L
I2C
Device is configured by I2C logic.
I2C_SEL
Device is configured by GPIO. If the I2C_SEL pin is left floating, then a weak internal pullup to
H
GPIO
VCC pulls the I2C_SEL pin high.
Driver output voltage swing precision control to aid with system compliance. The VSadj
Compliant
VSadj
4.02 k
resistor value can be selected to be 4.02 k
Ω ±10% based on the system requirement to pass
voltage
HDMI compliance.
(1)
(H) Logic high; (L) Logic low
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
TMDS361BPAGR
TMDS361B
64-pin TQFP reel (large)
TMDS361BPAG
TMDS361B
64-pin TQFP tray
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage range(2)
VCC
–0.3 to 3.6
V
TMDS I/O
–0.3 to 4
Voltage range
HPD and DDC I/O
–0.3 to 5.5
V
Control and status I/O
–0.3 to 5.5
Human body model(3) on SCL[1:3], SDA[1:3], HPD[1:3], D[0:2]+_[1:3],
±10,000
D[0:2]
–_[1:3], CLK+_[1:3], CLK–_[1:3] pins
Human body model(3) on all other pins
±9,000
V
Charged-device model(4)
±1500
Electrostatic discharge
Machine model(5)
±200
IEC 61000-4-2(6), contact discharge
±8,000
IEC 61000-4-2(6), air discharge
±15,000
Continuous power dissipation
See Dissipation Ratings table
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101-A
(5)
Tested in accordance with JEDEC Standard 22, Test Method A115-A
(6)
Tested in accordance with IEC EN 61000-4-2
8
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - TMDS361B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS361 TI-TMDS361 Datasheet
2Mb / 42P
[Old version datasheet]   1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
TMDS361PAGR TI-TMDS361PAGR Datasheet
2Mb / 42P
[Old version datasheet]   1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
TMDS361PAGT TI-TMDS361PAGT Datasheet
2Mb / 42P
[Old version datasheet]   1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
More results

Similar Description - TMDS361B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS261B TI1-TMDS261B Datasheet
11Mb / 48P
[Old version datasheet]   TWO-PORT HDMI SWITCH
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
   4-Port HDMI Signal Switch with Control
logo
Level One
KVM-0290 LVL1-KVM-0290 Datasheet
566Kb / 3P
   2-Port Cable KVM Switch, HDMI, USB
logo
IOGEAR
GHDSW4K4 IOGEAR-GHDSW4K4 Datasheet
161Kb / 3P
   4K 4-Port HDMI Switch with Remote
GHSW8431 IOGEAR-GHSW8431 Datasheet
168Kb / 2P
   3-Port True 4K Switch with HDMI Connection
logo
Silicon image
SII9185 SILICONIMAGE-SII9185 Datasheet
240Kb / 2P
   VastLane??HDMI Switch
logo
Rohm
BU16006KV ROHM-BU16006KV_1 Datasheet
557Kb / 20P
   HDMI Switch ICs
logo
Fairchild Semiconductor
FSA642 FAIRCHILD-FSA642 Datasheet
441Kb / 2P
   Low-Power, Three-Port, High-Speed MIPI Switch
logo
Davicom Semiconductor, ...
DM9103EP DAVICOM-DM9103EP Datasheet
46Kb / 2P
   Three Port Ethernet Switch Controller with PCI Interface
logo
Fairchild Semiconductor
FSA642 FAIRCHILD-FSA642_12 Datasheet
1Mb / 3P
   Low-Power, Three-Port, High-Speed MIPI Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com