Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320LC31-EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SM320LC31-EP
Description  DIGITAL SIGNAL PROCESSOR
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320LC31-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM320LC31-EP Datasheet HTML 7Page - Texas Instruments SM320LC31-EP Datasheet HTML 8Page - Texas Instruments SM320LC31-EP Datasheet HTML 9Page - Texas Instruments SM320LC31-EP Datasheet HTML 10Page - Texas Instruments SM320LC31-EP Datasheet HTML 11Page - Texas Instruments SM320LC31-EP Datasheet HTML 12Page - Texas Instruments SM320LC31-EP Datasheet HTML 13Page - Texas Instruments SM320LC31-EP Datasheet HTML 14Page - Texas Instruments SM320LC31-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
SM320LC31EP
DIGITAL SIGNAL PROCESSOR
SGUS039 − AUGUST 2002
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over specified temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
−0.3 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
−0.3 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
−0.3 V to 5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation (worst case) (see Note 2)
850 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature, TC
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to VSS.
2. Actual operating power is less. This value was obtained under specially produced worst-case test conditions for the TMS320C31-33
and the TMS320LC31-40, which are not sustained during normal device operation. These conditions consist of continuous parallel
writes of a checkerboard pattern to both primary and extension buses at the maximum rate possible. See normal (ICC) current
specification in the electrical characteristics table and also read Calculation of TMS320C30 Power Dissipation Application Report
(literature number SPRA020).
recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
VDD
Supply voltage (DVDD, etc.)
3.13
3.3
3.47
V
VSS
Supply voltage (CVSS, etc.)
0
V
VIH
High-level input voltage (except RESET)
1.8
VDD + 0.3*
V
VIH
High-level input voltage (RESET)
2.2
VDD + 0.3*
V
VIL
Low-level input voltage
− 0.3*
0.6
V
IOH
High-level output current
− 300
µA
IOL
Low-level output current
2
mA
TC
Operating case temperature
−55
125
°C
VTH
High-level input voltage for CLKIN
2.5
VDD + 0.3*
V
* This parameter is not production tested.
NOTE 3: All voltage values are with respect to VSS. All input and output voltage levels are TTL-compatible. CLKIN can be driven by a CMOS
clock.


Similar Part No. - SM320LC31-EP

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SM320LA GWSEMI-SM320LA Datasheet
51Kb / 2P
   3.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM320LAF GWSEMI-SM320LAF Datasheet
50Kb / 2P
   3.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM320LB GWSEMI-SM320LB Datasheet
70Kb / 2P
   3.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Texas Instruments
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - SM320LC31-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com