Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5980GTJ+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5980GTJ+
Description  Quad, IEEE 802.3at/af PSE Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5980GTJ+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5980GTJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX5980GTJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX5980GTJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX5980GTJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX5980GTJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX5980GTJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX5980GTJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX5980GTJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX5980GTJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Quad, IEEE 802.3at/af PSE Controller
for Power-over-Ethernet
3
ELECTRICAL CHARACTERISTICS (continued)
(VAGND = 32V to 60V, VEE = VDGND = 0V, TA = -40NC to +105NC. All voltages are referenced to VEE, unless otherwise noted. Typical
values are at VAGND = 54V, TA = +25NC, and default register settings. Currents are positive when entering the pin, and negative
otherwise.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Overcurrent Threshold after
Startup
VCUT
Overcurrent VSENSE_
threshold allowed for
t P tFAULT after startup,
VOUT_ = 0V
ICUT_ register
set to 14h,
Class 0 and 3
89
93.75
98.5
mV
ICUT_ register
set to 22h,
Class 4
178
187.5
197
ICUT_ register
set to 22h,
Class 5
356
375
394
Foldback Initial Voltage
VFLBK_ST
VAGND - VOUT_ above
which the current-limit trip
voltage starts folding back
ILIM register
set to 80h
32
V
ILIM register
set to C0h
18
Foldback Final Voltage
VFLBK_END
VAGND - VOUT_ above which the current
limit reaches VTH_FB
46
V
Minimum Foldback Current-Limit
Threshold
VTH_FB
VOUT_ = VAGND = 60V
35
mV
SENSE_ Input Bias Current
VSENSE_ = VEE
-2
F
A
SUPPLY MONITORS
VEE Undervoltage Lockout
VEE_UVLO VAGND - VEE, VAGND - VEE increasing
29
V
VEE Undervoltage Lockout
Hysteresis
VEE_UVLOH
Ports shut down if: VAGND - VEE <
VEE_UVLO - VEE_UVLOH
3
V
VEE Overvoltage Lockout
VEE_OV
Ports shut down if: VAGND - VEE > VEE_OV,
VAGND - VEE increasing
62
V
VEE Overvoltage-Lockout
Hysteresis
VEE_OVH
1
V
VEE Undervoltage
VEE_UV
VEE_UV event bit sets if: VAGND - VEE <
VEE_UV, VAGND - VEE increasing
40
V
VDD Output Voltage
VDD
IDD = 0 to 10mA
3.0
3.3
3.6
V
VDD Undervoltage Lockout
VDD_UVLO
2
V
Thermal-Shutdown Threshold
TSHD
Port is shut down and device resets if the
junction temperature exceeds this limit,
temperature increasing (Note 4)
+140
N
C
Thermal-Shutdown Hysteresis
TSHDH
Temperature decreasing (Note 4)
20
N
C
OUTPUT MONITOR
OUT_ Input Current
IBOUT
VOUT_ = VAGND, during idle
2
F
A
VAGND - VEE = 48V, VOUT_ = VEE, during
power-on mode
-70
Idle Pullup Resistance at OUT_
RDIS
Detection and classification off, port
shut down
0.7
1
1.25
MI
PGOOD High Threshold
PGTH
VOUT_ - VEE, OUT_ decreasing
1.5
2.0
2.5
V


Similar Part No. - MAX5980GTJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
MAX5980AGTJ++ MAXIM-MAX5980AGTJ+ Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
MAX5980EVKIT MAXIM-MAX5980EVKIT Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
More results

Similar Description - MAX5980GTJ+

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
   QUAD IEEE 802.3AT POE PSE CONTROLLER
logo
Maxim Integrated Produc...
MAX5980A MAXIM-MAX5980A Datasheet
2Mb / 50P
   Quad, IEEE 802.3at/af PSE Controller for Power-over-Ethernet
19-7422; Rev 1; 4/15
logo
Texas Instruments
TPS23851 TI1-TPS23851 Datasheet
1Mb / 62P
[Old version datasheet]   Quad IEEE 802.3at Power-Over-Ethernet PSE Controller
logo
Silicon Laboratories
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
   OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Texas Instruments
TPS2388 TI1-TPS2388 Datasheet
1Mb / 82P
[Old version datasheet]   IEEE 802.3at 8-Channel Power-over-Ethernet PSE Controller
logo
Linear Technology
LTC4266 LINER-LTC4266 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4266 LINER-LTC4266_15 Datasheet
394Kb / 32P
   Quad IEEE 802.3at Power over Ethernet Controller
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com