Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG103UA-3 Datasheet(PDF) 8 Page - Texas Instruments

Part # REG103UA-3
Description  500mA Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG103UA-3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REG103UA-3 Datasheet HTML 4Page - Texas Instruments REG103UA-3 Datasheet HTML 5Page - Texas Instruments REG103UA-3 Datasheet HTML 6Page - Texas Instruments REG103UA-3 Datasheet HTML 7Page - Texas Instruments REG103UA-3 Datasheet HTML 8Page - Texas Instruments REG103UA-3 Datasheet HTML 9Page - Texas Instruments REG103UA-3 Datasheet HTML 10Page - Texas Instruments REG103UA-3 Datasheet HTML 11Page - Texas Instruments REG103UA-3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
REG103
8
SBVS010D
BASIC OPERATION
The REG103 series is a family of LDO (Low Drop-Out)
linear regulators. The family includes five fixed output
versions (2.5V to 5.0V) and an adjustable output version. An
internal DMOS power device provides low dropout regula-
tion with near constant ground pin current (largely indepen-
dent of load and drop-out conditions) and very fast line and
load transient response. All versions include internal current
limit and thermal shutdown circuitry.
Figure 1 shows the basic circuit connections for the fixed
voltage models. Figure 2 gives the connections for the
adjustable output version (REG103A) and example resistor
values for some commonly used output voltages. Values for
other voltages can be calculated from the equation shown in
Figure 2. The SO-8 package provides two pins each for VIN
and VOUT. Both sets of pins MUST be used and connected
adjacent to the device.
FIGURE 1. Fixed Voltage Nominal Circuit for REG103.
REG103
ENABLE
V
OUT
C
OUT
V
IN
0.1
µF
C
NR
0.01
µF
ERROR
Gnd
NR
In
Out
Optional
None of the versions require an output capacitor for regula-
tor stability. The REG103 will accept any output capacitor
type less than 1
µF. For capacitance values larger than 1µF,
the effective ESR should be greater than 0.1
Ω. This mini-
mum ESR value includes parasitics such as printed circuit
board traces, solder joints, and sockets. A minimum 0.1
µF
low ESR capacitor connected to the input supply voltage is
recommended.
INTERNAL CURRENT LIMIT
The REG103 internal current limit has a typical value of
700mA. A fold-back feature limits the short-circuit current
to a typical short-circuit value of 40mA. This circuit will
protect the regulator from damage under all load conditions.
A typical characteristic of VOUT versus IOUT is given in
Figure 3a.
Care should be taken in high current applications to avoid
ground currents flowing in the circuit board traces causing
voltage drops between points on the circuit. If voltage drops
occur on the circuit board ground that causes the load ground
voltage to be much lower than the ground voltage seen by
the ground pin on the REG103, the foldback current may
approach zero and the REG103 may not start up. In these
types of applications, a large value resistor can be placed
between VIN and VOUT to help “boost” up the output of the
REG103 during start-up, see Figure 3b. The value for the
“boost” resistor should be chosen so that the current through
the “boost” resistor is less than the minimum load current:
RBOOST > (VIN – VOUT)/ILOAD. Typically, a good value for a
“boost” resistor is 5k
Ω.
FIGURE 2. Adjustable Voltage Circuit for REG103A.
V
OUT = (1 + R1/R2) • 1.295V
Pin numbers for SO-8 package.
REG103
V
IN
0.1
µF
4
7
8
Gnd
V
OUT
R
1
C
FB
0.01
µF
C
OUT
Adj
R
2
I
ADJ
Load
1
2
3
6
5
ERROR
ENABLE
To reduce current through divider, increase resistor
values (see table at right).
As the impedance of the resistor divider increases,
I
ADJ (~200nA) may introduce an error.
C
FB improves noise and transient response.
V
OUT (V)
R
1 (Ω)
(1)
R
2 (Ω)
(1)
1.295
Short
Open
2.5
12.1k
13k
1.21k
1.3k
3
16.9k
13k
1.69k
1.3k
3.3
20k
13k
2.0k
1.3k
5
37.4k
13k
3.74k
1.3k
NOTE: (1) Resistors are standard 1% values.
EXAMPLE RESISTOR VALUES
Optional


Similar Part No. - REG103UA-3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG103UA-3 BURR-BROWN-REG103UA-3 Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
REG103UA-3 BURR-BROWN-REG103UA-3 Datasheet
928Kb / 27P
   DMOS 500mA Low-Dropout Regulator
logo
Texas Instruments
REG103UA-3 TI1-REG103UA-3 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS 500mA Low-Dropout Regulator
logo
Burr-Brown (TI)
REG103UA-3.3 BURR-BROWN-REG103UA-3.3 Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
REG103UA-3.3 BURR-BROWN-REG103UA-3.3 Datasheet
928Kb / 27P
   DMOS 500mA Low-Dropout Regulator
More results

Similar Description - REG103UA-3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237_07 Datasheet
177Kb / 9P
   500mA Low-Dropout Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com