Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP795BXX Datasheet(PDF) 1 Page - Micro Analog systems

Part # MCP795BXX
Description  SPI Real-Time Clock Calendar
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP795BXX Datasheet(HTML) 1 Page - Micro Analog systems

  MCP795BXX Datasheet HTML 1Page - Micro Analog systems MCP795BXX Datasheet HTML 2Page - Micro Analog systems MCP795BXX Datasheet HTML 3Page - Micro Analog systems MCP795BXX Datasheet HTML 4Page - Micro Analog systems MCP795BXX Datasheet HTML 5Page - Micro Analog systems MCP795BXX Datasheet HTML 6Page - Micro Analog systems MCP795BXX Datasheet HTML 7Page - Micro Analog systems MCP795BXX Datasheet HTML 8Page - Micro Analog systems MCP795BXX Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS22280A-page 1
MCP795WXX/MCP795BXX
Device Selection Table
Timekeeping Features:
• Real-Time Clock/Calendar:
- Hours, Minutes, Seconds, Hundredth of
Seconds, Day of Week, Month, Year, Leap
Year
• Crystal Oscillator requires External 32,768 kHz
Tuning Fork Crystal and Load Capacitors.
• Clock Out Function:
- 1Hz, 4.096 kHz, 8.192 kHz, 32.768 kHz
• 32 kHz Boot-up Clock at Power-up (MCP795BXX)
• 2 Programmable Alarms – Supports IRQ or WDO
• Programmable open drain output – Alarm or
Interrupt
• On-Chip Digital Trimming/Calibration:
- +/- 255 PPM range in 1 PPM steps
• Power-Fail Time-Stamp @ Battery Switchover:
- Logs time when VCC fails and VCC is restored
Low-Power Features:
• Wide Operating Voltage:
-VCC: 1.8V to 5.5V
-VBAT: 1.3V to 5.5V
• Low Operating Current:
-VCC Standby Current < 1uA @ 3V
-VBAT Timekeeping Current: <700nA @ 1.8V
• Automatic Battery Switchover from VCC to VBAT:
- Backup power for timekeeping and SRAM
retention
User Memory:
• 64-Byte Battery-Backed SRAM
• 2 Kbit and 1 Kbit EEPROM Memory:
- Software block write-protect (¼, ½, or entire
array)
- Write Page mode (up to 8 bytes)
- Endurance: 1M erase/write cycles
• 128-Bit Unique ID in Protected Area of EEPROM:
- Available blank or preprogrammed
- EUI-48™ or EUI-64™ MAC address
- Unlock sequence for user programming
Enhanced Features:
• SPI Clock Speed up to 10 MHz
• Programmable Watchdog Timer:
- Dedicated watchdog output pin
- Dual retrigger using SPI bus or EVHS digital
input
• Dual Configurable Event Detect Inputs:
- High-Speed Digital Event Detect (EVHS) with
pulse count for 1st, 4th,16th or 32nd event
- Low-Speed Event Detect (EVLS) with
programmable debounce delays of 31 msec
and 500 msec
- Edge triggered (rising or falling)
- Operates from VCC or VBAT
• Operating Temperature Ranges:
- Industrial (I Temp): -40°C to +85°C.
• Packages include 14-Lead SOIC and TSSOP
Part Number
32 kHz
Boot-up
SRAM
(Bytes)
EEPROM
(Kbits)
Unique
ID
MCP795W20
No
64
2
Blank
MCP795W10
No
64
1
Blank
MCP795W21
No
64
2
EUI-48
MCP795W11
No
64
1
EUI-48
MCP795W22
No
64
2
EUI-64
MCP795W12
No
64
1
EUI-64
MCP795B20
Yes
64
2
Blank
MCP795B10
Yes
64
1
Blank
MCP795B21
Yes
64
2
EUI-48
MCP795B11
Yes
64
1
EUI-48
MCP795B22
Yes
64
2
EUI-64
MCP795B12
Yes
64
1
EUI-64
Note:
Watchdog Timer and Event Detects in all devices.
X1
X2
VBAT
WDO
Vcc
CLKOUT/BOOT
EVHS
EVLS
1
2
3
4
14
13
12
11
SOIC/TSSOP
IRQ
CS
VSS
SCK
SI
SO
5
6
7
10
9
8
Note:
MCP795XXX is used in this document as a
generic part number for the MCP795WXX,
MCP795BXX devices.
SPI Real-Time Clock Calendar with
Enhanced Features and Battery Switchover


Similar Part No. - MCP795BXX

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MCP79510 MAS-MCP79510 Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
logo
Microchip Technology
MCP79510 MICROCHIP-MCP79510 Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
MCP79510-I/MS MICROCHIP-MCP79510-I/MS Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
MCP79510-I/MSVAO MICROCHIP-MCP79510-I/MSVAO Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
More results

Similar Description - MCP795BXX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
PCF2123 NXP-PCF2123_11 Datasheet
844Kb / 63P
   SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
   SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com