Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG103UA-5 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REG103UA-5
Description  500mA Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG103UA-5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REG103UA-5 Datasheet HTML 6Page - Texas Instruments REG103UA-5 Datasheet HTML 7Page - Texas Instruments REG103UA-5 Datasheet HTML 8Page - Texas Instruments REG103UA-5 Datasheet HTML 9Page - Texas Instruments REG103UA-5 Datasheet HTML 10Page - Texas Instruments REG103UA-5 Datasheet HTML 11Page - Texas Instruments REG103UA-5 Datasheet HTML 12Page - Texas Instruments REG103UA-5 Datasheet HTML 13Page - Texas Instruments REG103UA-5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
REG103
10
SBVS010D
Since the value of VREF is 1.295V, this relationship reduces to:
V
Vrms
V
V
N
OUT
=
µ
35
Connecting a capacitor, CNR, from the Noise-Reduction
(NR) pin to ground, can reduce the output noise voltage.
Adding CNR, as shown in Figure 7, forms a low-pass filter
for the voltage reference. For CNR = 10nF, the total noise in
the 10Hz to 100kHz bandwidth is reduced by approximately
a factor of 3.5, as shown in Figure 8.
FIGURE 7. Block Diagram.
Over Current
Over Temp
Protection
V
REF
(1.295V)
Low Noise
Charge Pump
DMOS
Output
R
1
NOTE: R
1 and R2 are internal
on fixed output versions.
V
OUT
Adj
(Adjustable
Versions)
R
2
NR
(fixed output
versions only)
ENABLE
REG103
V
IN
ERROR
C
NR
(optional)
FIGURE 8. Output Noise versus Noise-Reduction Capacitor.
0.001
0.01
0.1
1
45
35
25
C
NR (µF)
C
OUT = 0
C
OUT = 10µF
FIGURE 9. Output Noise Density on Adjustable Versions.
100
10
1000
10000
100000
10.0
1.0
0.1
Frequency
C
OUT = 0, CFB = 0
C
OUT = 0, CFB = 0.01µF
C
OUT = 10µF, CFB = 0.01µF
The REG103 adjustable version does not have the noise-
reduction pin available, however, the adjust pin is the sum-
ming junction of the error amplifier. A capacitor, CFB,
connected from the output to the adjust pin will reduce both
the output noise and the peak error from a load transient.
Figure 9 shows improved output noise performance for two
capacitor combinations.
The REG103 utilizes an internal charge pump to develop an
internal supply voltage sufficient to drive the gate of the
DMOS pass element above VIN. The charge-pump switch-
ing noise (nominal switching frequency = 2MHz) is not
measurable at the output of the regulator.
DROP-OUT VOLTAGE
The REG103 uses an N-channel DMOS as the “pass”
element. When the input voltage is within a few hundred
millivolts of the output voltage, the DMOS device behaves
like a resistor. Therefore, for low values of VIN to VOUT, the
regulator’s input-to-output resistance is the RdsON of the
DMOS pass element (typically 230m
Ω). For static (DC)
loads, the REG103 will typically maintain regulation down
to VIN to VOUT voltage drop of 115mV at full-rated output
current. In Figure 10, the bottom line (DC dropout) shows
the minimum VIN to VOUT voltage drop required to prevent
drop-out under DC load conditions.


Similar Part No. - REG103UA-5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG103UA-5 BURR-BROWN-REG103UA-5 Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
REG103UA-5 BURR-BROWN-REG103UA-5 Datasheet
928Kb / 27P
   DMOS 500mA Low-Dropout Regulator
logo
Texas Instruments
REG103UA-5 TI1-REG103UA-5 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS 500mA Low-Dropout Regulator
logo
Burr-Brown (TI)
REG103UA-5/2K5 BURR-BROWN-REG103UA-5/2K5 Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
logo
Texas Instruments
REG103UA-5/2K5 TI1-REG103UA-5/2K5 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS 500mA Low-Dropout Regulator
More results

Similar Description - REG103UA-5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237_07 Datasheet
177Kb / 9P
   500mA Low-Dropout Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com