Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11637 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11637
Description  12-Bit, 300ksps ADCs with Differential
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11637 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11637 Datasheet HTML 1Page - Maxim Integrated Products MAX11637 Datasheet HTML 2Page - Maxim Integrated Products MAX11637 Datasheet HTML 3Page - Maxim Integrated Products MAX11637 Datasheet HTML 4Page - Maxim Integrated Products MAX11637 Datasheet HTML 5Page - Maxim Integrated Products MAX11637 Datasheet HTML 6Page - Maxim Integrated Products MAX11637 Datasheet HTML 7Page - Maxim Integrated Products MAX11637 Datasheet HTML 8Page - Maxim Integrated Products MAX11637 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
12-Bit, 300ksps ADCs with Differential
Track/Hold, and Internal Reference
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Externally clocked conversion
208
SCLK Clock Period
tCP
Data I/O
100
ns
SCLK Pulse-Width High
tCH
40
ns
SCLK Pulse-Width Low
tCL
40
ns
SCLK Fall to DOUT Transition
tDOT
CLOAD = 30pF
40
ns
CS Rise to DOUT Disable
tDOD
CLOAD = 30pF
40
ns
CS Fall to DOUT Enable
tDOE
CLOAD = 30pF
40
ns
DIN to SCLK Rise Setup
tDS
40
ns
SCLK Rise to DIN Hold
tDH
0
ns
CS Low to SCLK Setup
tCSS0
40
ns
CS High to SCLK Setup
tCSS1
40
ns
CS High After SCLK Hold
tCSH1
0
ns
CS Low After SCLK Hold
tCSH0
0
4
µs
tCSPW
CKSEL = 00
40
ns
CNVST Pulse-Width Low
CKSEL = 01
1.4
µs
Voltage conversion
7
CS or CNVST Rise to EOC
Low (Note 11)
Reference power-up
65
µs
TIMING CHARACTERISTICS (Figure 1)
Note 11: This time is defined as the number of clock cycles needed for conversion multiplied by the clock period. If the internal
reference needs to be powered up, the total time is additive. The internal reference is always used for temperature
measurements.
Typical Operating Characteristics
(VDD = 3V, VREF = 2.5V, fSCLK = 4.8MHz, CLOAD = 30pF, TA = +25°C for MAX11635/MAX11637, unless otherwise noted. VDD = 5V,
VREF = 4.096V, fSCLK = 4.8MHz, CLOAD = 30pF, TA = +25°C for MAX11634/MAX11636, unless otherwise noted.)
INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE (DECIMAL)
3072
2048
1024
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
04096
MAX11634/MAX11636
fSAMPLE = 300ksps
INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE (DECIMAL)
3072
2048
1024
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
04096
MAX11635/MAX11637
fSAMPLE = 300ksps
DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE (DECIMAL)
3072
2048
1024
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4096
MAX11634/MAX11636
fSAMPLE = 300ksps


Similar Part No. - MAX11637

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11632 MAXIM-MAX11632 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX11632 MAXIM-MAX11632 Datasheet
5Mb / 40P
   Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
MAX11632 MAXIM-MAX11632 Datasheet
5Mb / 40P
   Collects Up to One Million Samples
Rev 1; 4/12
MAX11632EEG MAXIM-MAX11632EEG Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX11632EEG MAXIM-MAX11632EEG Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
More results

Similar Description - MAX11637

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226_V01 Datasheet
394Kb / 23P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com