Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6743BZKBT3 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320C6743BZKBT3
Description  TMS320C6743 Fixed/Floating-Point Digital Signal Processor
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743BZKBT3 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C6743BZKBT3 Datasheet HTML 1Page - Texas Instruments TMS320C6743BZKBT3 Datasheet HTML 2Page - Texas Instruments TMS320C6743BZKBT3 Datasheet HTML 3Page - Texas Instruments TMS320C6743BZKBT3 Datasheet HTML 4Page - Texas Instruments TMS320C6743BZKBT3 Datasheet HTML 5Page - Texas Instruments TMS320C6743BZKBT3 Datasheet HTML 6Page - Texas Instruments TMS320C6743BZKBT3 Datasheet HTML 7Page - Texas Instruments TMS320C6743BZKBT3 Datasheet HTML 8Page - Texas Instruments TMS320C6743BZKBT3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 153 page
background image
TMS320C6743
www.ti.com
SPRS565B
– APRIL 2009 – REVISED JUNE 2011
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the changes made to the SPRS565A device-specific data
manual to make it an SPRS565B revision.
Revision History
See
ADDITIONS/MODIFICATIONS/DELETIONS
Global
These modifications were made globally:
Changed MDCLK to MDIO_CLK.
Removed specifics regarding L2 or Boot ROM
Section 1.1
Added Highlights.
Features
Updated bullet describing the watch dog timer.
Section 1.2
Removed L2 RAM as not supported.
Functional Block Diagram
Section 2.1
Table 2-1, Characteristics of the C6743 Processor:
Device Characteristics
Added PRU Subsystem (PRUSS) under Peripherals.
Updated On-Chip Memory, Size bytes to 448KB RAM.
Updated JTAG BSDL_ID, DEVIDR0 values for each Silicon Revision.
Updated CPU Frequency to 375.
Section 2.3.2.3
Table 2-3, C674x L1/L2 Memory Protection Registers:
C674x CPU
Added table
Section 2.4
Table 2-4, C6743 Top Level Memory Map:
Memory Map Summary
Added PRUSS MEM MAP column.
Removed size entries for Reserved sections
Combined consecutive Reserved sections.
Added Memory Protection Unit 1 and 2.
Added note regarding L2 ROM.
Section 2.5.1
Figure 2-3, Pin Map (ZKB):
Pin Map (Bottom View)
Updated pin names: A3, B3, B5, C6, D4, F3, F4, G4, H1, H4, J5, K1, P3, P4, R3, R4, R6
Figure 2-4, Pin Map (PTP):
Updated pin names: 1, 2, 7, 8, 22, 70, 132, 136, 137, 138, 139
Section 2.6
Table 2-5, Reset and JTAG Terminal Functions:
Terminal Functions
Added ZKB J5 pin, EMU0/GP7[15].
Changed GP7[14] PULL to IPD, and added note.
Table 2-17, Multichannel Audio Serial Ports (McASPs) Terminal Functions:
Changed EMA_OE/AXR0[13]/GP2[7] to PTP pin 22.
Removed UART1_RXD from PTP pin 122.
Table 2-20, General-Purpose IO Only Terminal Functions:
Added ZKB J5 pin, EMU0/GP7[15].
Table 2-21, Reserved and No Connect Terminal Functions:
Changed RSV4 ZKB pin to H1.
Removed RSV5.
Added No Connect pins; renamed table (and section) to reflect such.
Table 2-22, Supply and Ground Terminal Functions:
Cleaned up sorting for CVDD and VSS ZKB pin lists.
Moved PTP pin 136 and KZB pins F3, H4 from VSS to NC rows ofTable 2-21.
Section 3
Section 3.1, Boot Modes:
Device Configuration
Added new section.
Section 3.2, SYSCFG Module:
Removed bullet concerning AMUTEIN as not supported.
Copyright
© 2009–2011, Texas Instruments Incorporated
TMS320C6743 Fixed/Floating-Point Digital Signal Processor
5
Submit Documentation Feedback
Product Folder Link(s): TMS320C6743


Similar Part No. - TMS320C6743BZKBT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6743BPTP2 TI1-TMS320C6743BPTP2 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6743BPTPT3 TI1-TMS320C6743BPTPT3 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6743BZKBT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6657CZH TI1-TMS320C6657CZH Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654_15 Datasheet
1Mb / 235P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655_15 Datasheet
1Mb / 245P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654 Datasheet
2Mb / 222P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com