Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

46819-0011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 46819-0011
Description  EXTreme Guardian??Power Connector System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

46819-0011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  46819-0011 Datasheet HTML 1Page - Molex Electronics Ltd. 46819-0011 Datasheet HTML 2Page - Molex Electronics Ltd. 46819-0011 Datasheet HTML 3Page - Molex Electronics Ltd. 46819-0011 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES AND BENEFITS
Exceed high-current and reliability demands in top-end server and high-power
applications with Molex’s compact, EXTreme Guardian™ header and cable
system assembly
EXTreme Guardian™ header and cable assemblies, previously named EXTreme
Power™ Interconnect (EPIC), features small package sizes with a centerline
pitch of 11.00mm. The system supports up to 80.0A per contact, provides good
shielding characteristics in EMI-sensitive environments, features hot-plugging
capabilities and UL safety features.
Headers are available in 2-circuit, single-flanged and 3-circuit, dual-flanged
versions. Cable assemblies are available in 3-circuit, straight, shielded and
unshielded versions for high-voltage applications and are UL touch-safe.
Additionally, the 2-circuit cabled solutions include a straight, unshielded cable
assembly; a right-angled, right-entry and left-entry unshielded version, as well as
a left-entry shielded variant for space-saving connections to servers installed in
confined spaces.
For additional information visit: www.molex.com/link/extremeguardian.html
• High-current density per inch
supports up to 80.0A per blade
(180.0A per inch)
• Redundant contact design handles
up to 600V and supports AC or DC
high-voltage applications with the
lowest feasible voltage drop and
I2R (irreversible dissipative power)
losses
• Small centerline spacing of
11.00mm reduces PCB footprint
compared to legacy power products
• Recessed terminals, First-Mate-
Last-Break (FMLB) allow hot-
swapping of power units and reduce
network downtime
• Gold or tin contact plating
provides flexibility to suit customer
applications; gold plating provides
low interface resistance
• UL and CSA certifications meet
all accredited agency safety
requirement and approvals
PCB Headers
• Locating pegs enable accurate
through-hole positioning of
connector on PCB
• Through-hole solder retention design
provides flexible manufacturing
options
• Insert-molded threaded nut provides
secure panel attachment
Cable Assemblies
• Crimp terminal accepts 10, 8 and
12/12 or 6 AWG wires; supports
heavier gauge wire with no terminal
back-out issues
• EMI shielding options (for shielded
versions) minimize cross-talk and
improve immunity to external noise
• Terminal Position Assurance (TPA)
option available secures cable from
accidental cable disconnection
• Mounting jackscrews improve cable
retention after mating to PCB
header
• Standard overmold provides strain
relief and wire management in
rugged environments
EXTreme Guardian™
Power Connector System
46817 PCB Headers, Single
and Dual Flange, 2
and 3 Circuits
46818 Power Harness
Connector
46819 High Power Terminal
68790 Power Cable
Assemblies, Straight,
Unshielded, 2 Circuits
68790 Power Cable
Assemblies, Right-
Angle, Shielded or
Unshielded, Left- or
Right-Entry, 2 Circuits
111119 Power Cable
Assemblies,
Straight, Shielded
or Unshielded, Low
Profile, 3 Circuits
EXTreme Guardian™ Power Connector System


Similar Part No. - 46819-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46819-0011 MOLEX6-46819-0011 Datasheet
156Kb / 2P
   High Power Terminal 60A, 10Awg Crimp, 0.76關m (30關") Gold (Au)
More results

Similar Description - 46819-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
170352-0002 MOLEX11-170352-0002 Datasheet
36Kb / 1P
   EXTreme Guardian??2 Circuit TPA
46821-0001 MOLEX11-46821-0001 Datasheet
37Kb / 1P
   EXTreme Guardian??3 Circuit TPA
logo
WAGO Kontakttechnik Gmb...
750-613-040-000 WAGO-750-613-040-000 Datasheet
517Kb / 12P
   System Power Supply; 24 VDC; Extreme
logo
Molex Electronics Ltd.
171097-0250 MOLEX8-171097-0250 Datasheet
128Kb / 2P
   EXTreme EnergetiC High-Current Connector System
2141140001 MOLEX-2141140001 Datasheet
42Kb / 2P
   EXTreme Guardian Vertical Receptacle Assembly with Guide Receivers, 30 Signal Circuits, 8 Power Circuits
2001991470 MOLEX-2001991470 Datasheet
32Kb / 1P
   Extraction Tool for 5.15mm Pitch EXTreme Guardian Vertical Receptacle Terminals
02/26/2021
170351-0003 MOLEX11-170351-0003 Datasheet
41Kb / 1P
   EXTreme Guardian??Crimp Receptacle Housing, 2 Circuit, 11.00mm Pitch, 6 AWG
2141140002 MOLEX-2141140002 Datasheet
41Kb / 2P
   EXTreme Guardian Vertical Receptacle Assembly with Guide Receivers, 1 Power Circuit, 15 Signal Circuits, 1 Power Circuit
170351-0002 MOLEX11-170351-0002 Datasheet
41Kb / 1P
   EXTreme Guardian??Crimp Receptacle Housing, 2 Circuit, 11.00mm Pitch, 8-10 AWG
46818-0001 MOLEX11-46818-0001 Datasheet
51Kb / 1P
   EXTreme Guardian??Crimp Harness Housing, 3 Circuit, 11.00mm Pitch, 8 -10 AWG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com