Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

46819-0011 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 46819-0011
Description  EXTreme Guardian??Power Connector System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

46819-0011 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  46819-0011 Datasheet HTML 1Page - Molex Electronics Ltd. 46819-0011 Datasheet HTML 2Page - Molex Electronics Ltd. 46819-0011 Datasheet HTML 3Page - Molex Electronics Ltd. 46819-0011 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.molex.com/link/extremeguardian.html
Order No. 987650-5656 Rev. 1
Printed in USA/KC/2012.03
© 2012, Molex
EXTreme Guardian™
Power Connector System
11.00mm Pitch with
80.A Per Blade
SPECIFICATIONS
Reference Information
Packaging: Tray
UL File No.: E29179
CSA File No.: LR19980 (1779070)
Mates With:
PCB Headers (Series 46817) mate
with Cable Assemblies (Series
68790 or 111119)
Use With:
Power Harness 46818 uses with
46819 Terminals
Designed In: Millimeters
RoHS: Yes
Halogen Free: Yes
Glow Wire Compliant: No
Electrical
Voltage (max.): 600V AC/DC max.
Current (max.): 80.0A
Dielectric Withstanding Voltage:
1,700V AC
Mechanical
Contact Retention to Housing:
26.61N average
Mating Force: 36.60N max.
Unmating Force:34.39N max.
Durability (min.): 25 cycles
Physical
Housing: Polyester, 94V-0
Contact: Copper (Cu) Alloy
Plating:
Contact Area — Gold (Au)
Solder Tail Area — Tin (Sn)
Underplating — Nickel (Ni)
PCB Thickness: 1.40mm min.
Operating Temperature: -40 to +105ºC
PCB Headers
Order No.
Product Description
PCB Thickness
Tail Length
Circuits
46817-1000
Power Plug Assembly
2.36mm
3.86mm
3
46817-1001
3.18 or 3.60mm
4.69mm
46817-1002
2.36mm
3.86mm
2
46817-1003
3.18 or 3.60mm
4.69mm
Power Harness Connector
Order No.
Product Description
Circuits
Terminal Lock
46818-0001
Crimp Housing
3
No
46818-0030
Crimp Housing Kit
(includes crimp housing and
terminal lock TPA)
Yes
Power Terminals
Order No.
Product Description
Current
Wire Gauge
Plating
46819-0001
High Power
Crimp Terminal
60.0A
10 AWG
Tin (Sn)
46819-0002
8 AWG
46819-0003
6 AWG
46819-0011
10 AWG
Gold (Au) 0.76µm
46819-0012
8 AWG
46819-0013
6 AWG
Cable Assemblies
Order No.
Product Description
AWG
Single or Double Ended
Cable Length
68790-0005
EXTreme Guardian
Cable Assemblies
8
Double
2.0m
68790-0007
10
1.20m
68790-0008
1.50m
68790-0009
6
Single
3.0m
68790-0010
15.0m
111119-1000
10/8
Double
1.0m
111119-2000
ORDERING INFORMATION


Similar Part No. - 46819-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
46819-0011 MOLEX6-46819-0011 Datasheet
156Kb / 2P
   High Power Terminal 60A, 10Awg Crimp, 0.76關m (30關") Gold (Au)
More results

Similar Description - 46819-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
170352-0002 MOLEX11-170352-0002 Datasheet
36Kb / 1P
   EXTreme Guardian??2 Circuit TPA
46821-0001 MOLEX11-46821-0001 Datasheet
37Kb / 1P
   EXTreme Guardian??3 Circuit TPA
logo
WAGO Kontakttechnik Gmb...
750-613-040-000 WAGO-750-613-040-000 Datasheet
517Kb / 12P
   System Power Supply; 24 VDC; Extreme
logo
Molex Electronics Ltd.
171097-0250 MOLEX8-171097-0250 Datasheet
128Kb / 2P
   EXTreme EnergetiC High-Current Connector System
2141140001 MOLEX-2141140001 Datasheet
42Kb / 2P
   EXTreme Guardian Vertical Receptacle Assembly with Guide Receivers, 30 Signal Circuits, 8 Power Circuits
2001991470 MOLEX-2001991470 Datasheet
32Kb / 1P
   Extraction Tool for 5.15mm Pitch EXTreme Guardian Vertical Receptacle Terminals
02/26/2021
170351-0003 MOLEX11-170351-0003 Datasheet
41Kb / 1P
   EXTreme Guardian??Crimp Receptacle Housing, 2 Circuit, 11.00mm Pitch, 6 AWG
2141140002 MOLEX-2141140002 Datasheet
41Kb / 2P
   EXTreme Guardian Vertical Receptacle Assembly with Guide Receivers, 1 Power Circuit, 15 Signal Circuits, 1 Power Circuit
170351-0002 MOLEX11-170351-0002 Datasheet
41Kb / 1P
   EXTreme Guardian??Crimp Receptacle Housing, 2 Circuit, 11.00mm Pitch, 8-10 AWG
46818-0001 MOLEX11-46818-0001 Datasheet
51Kb / 1P
   EXTreme Guardian??Crimp Harness Housing, 3 Circuit, 11.00mm Pitch, 8 -10 AWG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com